Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR12 Datasheet (PDF) - Artesyn Technologies

DDR12 Datasheet PDF - Artesyn Technologies
Part # DDR12
Download  DDR12 Download
File Size   310.34 Kbytes
Page   11 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Tracking Dual Output DC-DC Converters

DDR12 Datasheet (PDF)

Go To PDF Page Download Datasheet
DDR12 Datasheet PDF - Artesyn Technologies

Part # DDR12
Download  DDR12 Click to download

File Size   310.34 Kbytes
Page   11 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Tracking Dual Output DC-DC Converters

DDR12 Datasheet (HTML) - Artesyn Technologies


DDR12 Product details

DDR12 SERIES

The dual output DDR12-25D08-AJ is specifically designed to meet the power needs of double data rate memory DIMMS and associated memory control logic. The Vtt output tracks the Vddq output, while the Vtt output can sink current as required by logic terminations.This converter offers typical efficiencies greater than 84% when operated at 50% load or greater. This model features a wide input range as well as trimmable output voltages.
Remote sense on Vddq and remote ON/OFF facilities are included as standard, and the converter is protected against over-current and over-voltage conditions.

Dual output

    High current dual-output power module for DDR memory
    Single compact module provides 25 A @ 2.5 V for Vddq supply and 8 A @ 1.25 V for Vtt termination
    Tracking dual output voltages (1.25 V @ 8 A, 2.5 V @ 25 A)
    Output voltage remote sense
    Sink capability for logic terminations
    Power good output signal
    Overvoltage protection
    Overcurrent protection
    Remote ON/OFF
    Available RoHS compliant




Similar Part No. - DDR12

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DDR12 EMERSON-NETWORKPOWER-DDR12 Datasheet
248Kb / 3P
DC-DC CONVERTERS
DDR12-25D08-AJ EMERSON-NETWORKPOWER-DDR12-25D08-AJ Datasheet
248Kb / 3P
DC-DC CONVERTERS
More results


Similar Description - DDR12

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
NMH CANDD-NMH Datasheet
111Kb / 2P
Isolated 2W Dual Output DC-DC Converters
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Bel Fuse Inc.
V7PC-10AT5 BEL-V7PC-10AT5 Datasheet
122Kb / 2P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 50% Tracking Output / 10A
logo
Extech Instruments Corp...
382285 EXTECH-382285 Datasheet
175Kb / 1P
Dual Tracking, Triple Output DC Power Supply
logo
Murata Manufacturing Co...
BWR-5 MURATA-BWR-5 Datasheet
151Kb / 5P
7-10W, Dual Output DC/DC converters
BWR-12 MURATA-BWR-12 Datasheet
136Kb / 4P
3 Watt, Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
Isolated 3W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
Isolated 2W Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com