Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR12 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DDR12
Description  Tracking Dual Output DC-DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DDR12 Datasheet(HTML) 3 Page - Artesyn Technologies

  DDR12 Datasheet HTML 1Page - Artesyn Technologies DDR12 Datasheet HTML 2Page - Artesyn Technologies DDR12 Datasheet HTML 3Page - Artesyn Technologies DDR12 Datasheet HTML 4Page - Artesyn Technologies DDR12 Datasheet HTML 5Page - Artesyn Technologies DDR12 Datasheet HTML 6Page - Artesyn Technologies DDR12 Datasheet HTML 7Page - Artesyn Technologies DDR12 Datasheet HTML 8Page - Artesyn Technologies DDR12 Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DDR12 Series | Tracking Dual Output
DC-DC Converters
3
www.artesyn.com
Characteristic - Signal Name Symbol
Min
Typ
Max
Units
Notes and Conditions
At remote/control ON/OFF pin
See Notes 2 and 3
Open collector or equivalent
See Application Note 133 for
compatible
Remote ON/OFF details
High level input voltage
Vih
2.0
V
Converter guaranteed on when
OUTEN pin is greater than Vih
(max)
Low level input voltage
ViI
0.80
V
Converter guaranteed off
when OUTEN pin is
less than Vil (max)
Low level input current
Iil (max)
1
mA
ViI = 0.0 V
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Mean time between failure
MTBF
TBD
Hours
Telcordia SR-332
Signal Electrical Interface
Reliability and Service Life
File Name: lf_ddr12.pdf Rev: 29 Nov 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com