Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR12 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # DDR12
Description  Tracking Dual Output DC-DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DDR12 Datasheet(HTML) 4 Page - Artesyn Technologies

  DDR12 Datasheet HTML 1Page - Artesyn Technologies DDR12 Datasheet HTML 2Page - Artesyn Technologies DDR12 Datasheet HTML 3Page - Artesyn Technologies DDR12 Datasheet HTML 4Page - Artesyn Technologies DDR12 Datasheet HTML 5Page - Artesyn Technologies DDR12 Datasheet HTML 6Page - Artesyn Technologies DDR12 Datasheet HTML 7Page - Artesyn Technologies DDR12 Datasheet HTML 8Page - Artesyn Technologies DDR12 Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SXA10 Series
| 15W DC/DC
DDR12 Series | Tracking Dual Output
DC-DC Converters
4
Other Specifications
EMC
Electromagnetic Compatibility
Referenced ETSI standards:
ETS 300 019: Environmental conditions and environmental tests for telecommunications equipment
ETS 300 019: Part 1-3 (1997) Classification of environmental conditions stationary use at weather protected locations
ETS 300 019: Part 2-3 (1997) Specification of environmental tests stationary use at weather protected locations
Material Ratings
Characteristic - Signal Name Notes and Conditions
Flammability rating
UL94V-0
Material type
FR4 PCB
Performance criteria:
NP: Normal Performance: EUT shall withstand applied test and operate within relevant limits as specified without damage.
RP: Reduced Performance: EUT shall withstand applied test. Reduced performance is permitted within specified limits, resumption to
normal performance shall occur at the cessation of the test.
LFS: Loss of Function (self recovery): EUT shall withstand applied test without damage, temporary loss of function permitted during test.
Unit will self recover to normal performance after test.
Referenced ETSI standards:
ETS 300 386-1 table 5 (1997): Public telecommunication network equipment, EMC requirements
ETS 300 132-2 (1996): Power supply interface at the input to telecommunication equipment: Part 2 operated by direct current (dc)
ETR 283 (1997): Transient voltages at interface A on telecommunication direct current (dc) power distributions
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Switching frequency
Fsw
300
kHz
Fixed frequency
Weight
34
g
Phenomenon
Port
Standard
Test level
Criteria
Notes and conditions
Immunity:
ESD
Enclosure
EN61000-4-2
6 kV contact
As per ETS 300 386-1 table 5
8 kV air
Model Numbers
File Name: lf_ddr12.pdf Rev: 29 Nov 2005
Model
Input
Output
Output Current
Typical
Load
Number
Voltage
Voltage
(Max.)
Efficiency
Regulation
DDR12-25D08-AJ
10.8-13.2 Vdc
2.32-2.75 Vdc
25 A
84%
±1.0%
1.16-1.375 Vdc
8 A
See Tracking Spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com