Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR12 Datasheet(PDF) 7 Page - Artesyn Technologies

Part # DDR12
Description  Tracking Dual Output DC-DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DDR12 Datasheet(HTML) 7 Page - Artesyn Technologies

Back Button DDR12 Datasheet HTML 3Page - Artesyn Technologies DDR12 Datasheet HTML 4Page - Artesyn Technologies DDR12 Datasheet HTML 5Page - Artesyn Technologies DDR12 Datasheet HTML 6Page - Artesyn Technologies DDR12 Datasheet HTML 7Page - Artesyn Technologies DDR12 Datasheet HTML 8Page - Artesyn Technologies DDR12 Datasheet HTML 9Page - Artesyn Technologies DDR12 Datasheet HTML 10Page - Artesyn Technologies DDR12 Datasheet HTML 11Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DDR12 Series | Tracking Dual Output
7
www.artesyn.com
DC-DC Converters
File Name: lf_ddr12.pdf Rev: 29 Nov 2005
20
30
40
50
60
70
80
5
10
15
20
25
AMBIENT TEMPERATURE (ºC)
0 m/s (0 LFM)
0.5 m/s (100 LFM)
1 m/s (200 LFM)
1.5 m/s (300 LFM)
2 m/s (400 LFM)
0
20
40
60
80
100
82
84
86
88
90
92
FULL LOAD CURRENT (%)
Low Line
Nom Line
High Line
Figure 1: Thermal Derating Curve
Figure 2: Efficiency vs Load and Line
Figure 3: Typical Ripple & Noise
Channel 1: Vddq Output Ripple,
Channel 2: Vtt Output Ripple
Figure 4: Typical Power-up
Channel 1: Vddq Output Channel 2: Vtt Output
Channel 3: Power Good Signal
Figure 5: Transient Response 75-100% Vtt Source,
Rising Edge (Channel 2: Vtt Output Voltage Deviation,
Channel 4: Current load step at 1 A/div)
Figure 6: Transient Response 75-100% Vtt Source,
Falling Edge (Channel 2: Vtt Output Voltage Deviation,
Channel 4: Current load step at 1 A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com