Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C31026-15 Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C31026-15 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C31026-15
Download  AS7C31026-15 Download
File Size   238.41 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V / 3.3V 64KX16 CMOS SRAM

AS7C31026-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C31026-15 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C31026-15
Download  AS7C31026-15 Click to download

File Size   238.41 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V / 3.3V 64KX16 CMOS SRAM

AS7C31026-15 Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C31026-15 Product details

Functional description
The AS7C1026 and AS7C31026 are high-performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) devices organized as 65,536 words x 16 bits. They are designed for memory applications where fast data access, low power, and simple interfacing are desired.

Features
• AS7C1026 (5V version)
• AS7C31026 (3.3V version)
• Industrial and commercial versions
• Organization: 65,536 words x 16 bits
• Center power and ground pins for low noise
• High speed
    - 12/15/20 ns address access time
    - 6,7,8 ns output enable access time
• Low power consumption: ACTIVE
    - 880 mW (AS7C1026) / max @ 12 ns
    - 396 mW (AS7C31026) / max @ 12 ns
• Low power consumption: STANDBY
    - 28 mW (AS7C1026) / max CMOS I/O
    - 18 mW (AS7C31026) / max CMOS I/O
• 2.0V data retention
• Easy memory expansion with CE, OE inputs
• TTL-compatible, three-state I/O
• JEDEC standard packaging
    - 44-pin 400 mil SOJ
    - 44-pin 400 mil TSOP II
    - 48-ball 6 mm × 8 mm CSP mBGA
• ESD protection ≥ 2000 volts
• Latch-up current ≥ 200 mA




Similar Part No. - AS7C31026-15

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026-15 ALSC-AS7C31026-15 Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-15BC ALSC-AS7C31026-15BC Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-15BI ALSC-AS7C31026-15BI Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-15JC ALSC-AS7C31026-15JC Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-15TC ALSC-AS7C31026-15TC Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
More results


Similar Description - AS7C31026-15

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
5V/3.3V 256K x 16 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
5V/3.3V 32K x 6 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
5V/3.3V 64K X 16 CMOS SRAM
logo
Eorex Corporation
EM6164K600V EOREX-EM6164K600V Datasheet
239Kb / 12P
64Kx16 LP SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com