Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI7210 Datasheet (PDF) - Silicon Laboratories

SI7210 Datasheet PDF - Silicon Laboratories
Part # SI7210
Download  SI7210 Download
File Size   1124.32 Kbytes
Page   33 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Si7210 I2C Hall Effect Magnetic Position and Temperature Sensor

SI7210 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI7210 Datasheet PDF - Silicon Laboratories

Part # SI7210
Download  SI7210 Click to download

File Size   1124.32 Kbytes
Page   33 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Si7210 I2C Hall Effect Magnetic Position and Temperature Sensor

SI7210 Datasheet (HTML) - Silicon Laboratories


SI7210 Product details

FEATURES
• High-Sensitivity Hall Effect Sensor
• Adjustable Full Scale (Standard
Offerings are ±20mT and ±200 mT Full
Scale)
• Integrated Digital Signal Processing for
Temperature and Offset Drift
Compensation
• High-Precision 13-bit Signal Path
• Output Bandwidth up to 20 kHz
• Sensitivity Drift < ±5% over 0-70 °C
• Digital I2C Interface
• Four Selectable I2C Addresses
• Optional Digital Alert Output
• Wide 1.7 to 5.5 V Power Supply Voltage
• Temperature Sensor Data also available
by I2C (accuracy ±1°C)
• Low 50 nA Sleep Mode Current
Consumption
• Industry-Standard Packaging
• Surface-Mount SOT23-5
• 1.4 x 1.6 mm 8-pin DFN package




Similar Part No. - SI7210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
Dual N-Channel 30-V (D-S) MOSFET
13-Jun-05
SI7212DN VISHAY-SI7212DN Datasheet
549Kb / 12P
Dual N-Channel 30-V (D-S) MOSFET
14-Sep-09
logo
Vishay Telefunken
SI7212DN TFUNK-SI7212DN Datasheet
540Kb / 12P
Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
543Kb / 12P
Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
SI7212DN-T1-E3 VISHAY-SI7212DN-T1-E3 Datasheet
94Kb / 6P
Dual N-Channel 30-V (D-S) MOSFET
13-Jun-05
More results


Similar Description - SI7210

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
TT Electronics.
8150 TTELEC-8150 Datasheet
525Kb / 5P
Hall Effect, Non-Contacting Position Sensor
logo
Silicon Laboratories
SI720X SILABS-SI720X Datasheet
580Kb / 31P
Si720x Switch/Latch Hall Effect Magnetic Position Sensor
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
logo
List of Unclassifed Man...
49E ETC2-49E Datasheet
512Kb / 4P
49E Hall-Effect Linear Position Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com