Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20021111 Datasheet (PDF) - Amphenol Communications Solutions

20021111 Datasheet PDF - Amphenol Communications Solutions
Part # 20021111
Download  20021111 Download
File Size   396.9 Kbytes
Page   3 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description Minitek127® Board-to-Board Connector

20021111 Datasheet (PDF)

Go To PDF Page Download Datasheet
20021111 Datasheet PDF - Amphenol Communications Solutions

Part # 20021111
Download  20021111 Click to download

File Size   396.9 Kbytes
Page   3 Pages
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions
Description Minitek127® Board-to-Board Connector

20021111 Datasheet (HTML) - Amphenol Communications Solutions


20021111 Product details

FEATURES
Fine pitch of 1.27mm
From 4 to 100 position
Shrouded housing
3 plating versions (0.76μm Gold, 0.25μm Gold and Gold
Flash)
Both top and bottom entry product available
Surface Mount and Through Hole type
Tape and reel with pick up cap or tube packaging

BENEFITS
§ Space saving
§ Comprehensive range to satisfy all needs
§ Higher reliability while working
§ Allow for wide applications
§ Meet specific needs
§ Friendly to customized PCB layout
§ Facilitate automated pick and place assembly




Similar Part No. - 20021111

ManufacturerPart #DatasheetDescription
logo
FCI connector
20021111 FCI-CONNECTOR-20021111 Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
20021111-00006T1LF FCI-CONNECTOR-20021111-00006T1LF Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
20021111-00006T4LF FCI-CONNECTOR-20021111-00006T4LF Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
20021111-00006T8LF FCI-CONNECTOR-20021111-00006T8LF Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
20021111-00008T1LF FCI-CONNECTOR-20021111-00008T1LF Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
More results


Similar Description - 20021111

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
BOARD TO BOARD CONNECTOR
logo
TE Connectivity Ltd
C-2246092 TEC-C-2246092 Datasheet
309Kb / 3P
Board to Board Connector
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
Board to Board Connector
5047 KSS-5047 Datasheet
325Kb / 2P
Board to Board Connector
5608 KSS-5608 Datasheet
743Kb / 3P
Board to Board Connector
5678 KSS-5678 Datasheet
675Kb / 2P
Board to Board Connector
5689 KSS-5689 Datasheet
525Kb / 2P
Board to Board Connector
5690 KSS-5690 Datasheet
554Kb / 2P
Board to Board Connector
5802 KSS-5802 Datasheet
380Kb / 2P
Board to Board Connector
5843 KSS-5843 Datasheet
612Kb / 3P
Board to Board Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com