Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20021111 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # 20021111
Description  Minitek127® Board-to-Board Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

20021111 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  20021111 Datasheet HTML 1Page - Amphenol Communications Solutions 20021111 Datasheet HTML 2Page - Amphenol Communications Solutions 20021111 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.amphenol-cs.com
1.27MM / BOARD-TO-BOARD
CONNECTOR / STACKING HEIGHT /
WIDE RANGE / SHROUDED
Minitek127® board-to-board series are 1.27mm pitch
connector, position ranges from 4 to 100 positions. Family
comprehensive offer includes straight and right angle,
surface mount and through mount, shrouded and unshrouded
headers in different plating variations (gold flash / 0.25µm
gold / 0.76µm gold).
TARGET MARKETS
FEATURES
BENEFITS
§
Fine pitch of 1.27mm
§
Space saving
§
From 4 to 100 position
§
Comprehensive range to satisfy all needs
§
Shrouded housing
§
Higher reliability while working
§
3 plating versions (0.76µm Gold, 0.25µm Gold and Gold
Flash)
§
Allow for wide applications
§
Both top and bottom entry product available
§
Meet specific needs
§
Surface Mount and Through Hole type
§
Friendly to customized PCB layout
§
Tape and reel with pick up cap or tube packaging
§
Facilitate automated pick and place assembly
§ Fine pitch of 1.27mm
§ Wide range from 4 to 100 position
§ Various plating
§ Multiple orientation and mounting
§ Shrouded housing
Minitek127® Board-to-Board Connector


Similar Part No. - 20021111

ManufacturerPart #DatasheetDescription
logo
FCI connector
20021111 FCI-CONNECTOR-20021111 Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
20021111-00006T1LF FCI-CONNECTOR-20021111-00006T1LF Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
20021111-00006T4LF FCI-CONNECTOR-20021111-00006T4LF Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
20021111-00006T8LF FCI-CONNECTOR-20021111-00006T8LF Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
20021111-00008T1LF FCI-CONNECTOR-20021111-00008T1LF Datasheet
56Kb / 1P
1.27X1.27MM BTB HEADER UNSHROUDED, VERTICAL, TH
More results

Similar Description - 20021111

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
BOARD TO BOARD CONNECTOR
logo
TE Connectivity Ltd
C-2246092 TEC-C-2246092 Datasheet
309Kb / 3P
Board to Board Connector
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
Board to Board Connector
5047 KSS-5047 Datasheet
325Kb / 2P
Board to Board Connector
5608 KSS-5608 Datasheet
743Kb / 3P
Board to Board Connector
5678 KSS-5678 Datasheet
675Kb / 2P
Board to Board Connector
5689 KSS-5689 Datasheet
525Kb / 2P
Board to Board Connector
5690 KSS-5690 Datasheet
554Kb / 2P
Board to Board Connector
5802 KSS-5802 Datasheet
380Kb / 2P
Board to Board Connector
5843 KSS-5843 Datasheet
612Kb / 3P
Board to Board Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com