Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20021111 Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # 20021111
Description  Minitek127® Board-to-Board Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

20021111 Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  20021111 Datasheet HTML 1Page - Amphenol Communications Solutions 20021111 Datasheet HTML 2Page - Amphenol Communications Solutions 20021111 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
Minitek127® Board-to-Board Connector
MATERIAL
§
Housing: Black Plastic (UL94V-0)
§
Terminal: Copper Alloy
§
Plating: Gold flash / 0.25µm Gold / 0.76µm Gold
ELECTRICAL PERFORMANCE
§
Current Rating: 1A max. per contact
§
Insulation Resistance: 1000MΩ min.
§
Rated Voltage: 125VAC max.
MECHANICAL PERFORMANCE
§
Mating and un-mating Force: 2.2N max. and 0.2N min./
contact
§
Durability: 100 cycles
ENVIRONMENTAL
§
Operating Temperature Range: -55°C to +125°C
§
Mixed Flowing Gas Corrosion: IEC 60512-11-7, Class -IIA
APPROVALS AND CERTIFICATIONS
§
UL
§
PCI Express (PCIe®) Gen 3
SPECIFICATIONS
§
Product Specification: GS-12-629
PACKAGING
§
Tape and Reel
§
Tube
TARGET MARKETS/APPLICATIONS
TECHNICAL INFORMATION
Industrial Robot
Switch
Smart Devices
Server/Storage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com