Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20021111 Datasheet(PDF) 3 Page - Amphenol Communications Solutions

Part # 20021111
Description  Minitek127® Board-to-Board Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

20021111 Datasheet(HTML) 3 Page - Amphenol Communications Solutions

  20021111 Datasheet HTML 1Page - Amphenol Communications Solutions 20021111 Datasheet HTML 2Page - Amphenol Communications Solutions 20021111 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
Minitek127® Board-to-Board Connector
PART NUMBER SELECTOR - HEADER
BASE NUMBER
X
X
X
XX
X
X
LF
Position
04 ~ A0
4~100 pos
Description
20021111
Unshrouded Vertical TMT header
20021112
Unshrouded Right angle TMT header
20021121
Unshrouded Vertical SMT header
20021122
Unshrouded Right angle SMT header
20021211
Shrouded Vertical TMT header
20021212
Shrouded Right angle TMT header
20021221
Shrouded Vertical SMT header
Package
T
Tube
D
Tube + CAP
C
Tape and Reel + CAP
Plating
1
Gold Flash
4
0.25µm Au
8
0.76µm Au
PART NUMBER SELECTOR - RECEPTACLE
BASE NUMBER
X
X
X
XX
X
X
LF
Position
04 ~ A0
4 ~ 100 pos
Description
20021311
Vertical TMT receptacle
20021321
Vertical SMT receptacle
20021323
Bottom entry SMT receptacle
Package
T
Tube
D
Tube + CAP
C
Tape and Reel + CAP
Plating
1
Gold Flash
4
0.25µm Au
8
0.76µm Au



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com