Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HESS0000 Datasheet (PDF) - Red Lion Controls. Inc

HESS0000 Datasheet PDF - Red Lion Controls. Inc
Part # HESS0000
Download  HESS0000 Download
File Size   109.46 Kbytes
Page   1 Pages
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc
Description MODEL HESS - HALL EFFECT SPEED SENSOR

HESS0000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HESS0000 Datasheet PDF - Red Lion Controls. Inc

Part # HESS0000
Download  HESS0000 Click to download

File Size   109.46 Kbytes
Page   1 Pages
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc
Description MODEL HESS - HALL EFFECT SPEED SENSOR

HESS0000 Datasheet (HTML) - Red Lion Controls. Inc


HESS0000 Product details

DESCRIPTION
The Hall Effect speed sensor (HESS) is ideal for sensing steel gears or other
ferrous targets from 0 to 10 KHz. This sensor does not have a minimum
threshold speed as does a magnetic pickup sensor. However, when the sensor is
first powered up, the output state is indeterminate (Hi or Lo) when the sensor is
not detecting metal. The unit operates from a +8 to +30 VDC power supply and
is reverse polarity protected. The sensor face can be mounted flush into metal
panels. The case is stainless steel and is supplied with 10 feet (3 M) of cable.
The stranded shield wire is not connected to the sensor circuit or case.

SPECIFICATIONS
1. POWER SUPPLY: +8 to +30 VDC @ 30 mA max.; reverse polarity
protected.
2. MAXIMUM SENSING DISTANCE: 0.040" (1 mm).
3. OUTPUT: NPN O.C. transistor; VMAX = 30 VDC; VSAT = 1 VMAX @ 30
mA max. load.
4. OPERATING TEMPERATURE RANGE: -25°C to 70°C
(-14°F to 158°F).
5. CABLE LENGTH: 10 feet (3.05 M).
6. OPERATING FREQUENCY: 0 to 10 KHz.
7. WIRE: 3 wire, 22 AWG with stranded shield wire and 100% foil coverage;
grey PVC jacket.
Color Code: Red (+VDC), Black (Comm.), White (Output).
8. CABLE STRAIN RELIEF: 10 lbs. (4.5 Kg.) for 1 minute.
Note: DO NOT adjust sensor air gap while target (gear) is moving




Similar Part No. - HESS0000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HES CDE-HES Datasheet
1Mb / 3P
Screw Terminal Mounting Hardware and Accessories
logo
List of Unclassifed Man...
HES-288 ETC-HES-288 Datasheet
110Kb / 2P
R/C Servo-Motor
logo
Box enclosures
HES-70 BOX-HES-70 Datasheet
1Mb / 1P
Small Pocket Enclosures 2 versions available
HES-71 BOX-HES-71 Datasheet
1Mb / 1P
Medium Pocket Enclosures
HES-72 BOX-HES-72 Datasheet
1Mb / 1P
Lagre Pocket Enclosures
More results


Similar Description - HESS0000

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
Hall Effect Sensor IC
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
Hall Effect Sensor Family
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
HALL-EFFECT SENSOR IC
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
logo
Allegro MicroSystems
APS12625 ALLEGRO-APS12625 Datasheet
2Mb / 44P
2D Hall-Effect Speed and Direction Sensor ICs
A19301 ALLEGRO-A19301 Datasheet
1Mb / 15P
ASIL-Compliant Hall-Effect Wheel Speed Sensor IC
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
High-Accuracy Hall-Effect Transmission Speed Sensor IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com