Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2632 Datasheet (PDF) - Maxim Integrated Products

MAX2632 Datasheet PDF - Maxim Integrated Products
Part # MAX2632
Download  MAX2632 Download
File Size   282.61 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description VHF-to-Microwave, 3V, General-Purpose Amplifiers

MAX2632 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2632 Datasheet PDF - Maxim Integrated Products

Part # MAX2632
Download  MAX2632 Click to download

File Size   282.61 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description VHF-to-Microwave, 3V, General-Purpose Amplifiers

MAX2632 Datasheet (HTML) - Maxim Integrated Products


MAX2632 Product details

General Description

The MAX2630/MAX2631/MAX2632/MAX2633 are low voltage, low-noise amplifiers for use from VHF to microwave frequencies. Operating from a single +2.7V to +5.5V supply, these devices have a flat gain response to 900MHz. Their low noise figure and low supply current make them ideal for receive, buffer, and transmit IF applications



Features

♦ Single +2.7V to +5.5V Operation

♦ Internally Biased (MAX2630/MAX2631)

♦ Adjustable Bias (MAX2632/MAX2633)

♦ 6.6mA Supply Current (insensitive to supply voltage)

♦ 1µA Shutdown Current (MAX2631/MAX2633)

♦ 3.7dB Noise Figure

♦ 13.4dB Gain

♦ Ultra-Small SOT Packages



Applications

Personal Communicating Systems

Cordless Phones

Global Positioning Systems

Cellular Phones

Wireless Local Area Networks

ISM Radios

Wireless Local Loops

TV Tuners

Land Mobile Radios

Set-Top Boxes




Similar Part No. - MAX2632

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2632EUK MAXIM-MAX2632EUK Datasheet
263Kb / 12P
VHF-to-Microwave, 3V, General-Purpose Amplifiers
Rev 3; 2/07
MAX2632EUK-T MAXIM-MAX2632EUK-T Datasheet
263Kb / 12P
VHF-to-Microwave, 3V, General-Purpose Amplifiers
Rev 3; 2/07
More results


Similar Description - MAX2632

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3700 STMICROELECTRONICS-2N3700 Datasheet
43Kb / 4P
GENERAL PURPOSE AMPLIFIERS
Jan-1989
MSC81402 STMICROELECTRONICS-MSC81402 Datasheet
41Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIERS APPLICATIONS
Oct-1992
logo
RF Micro Devices
RF2321 RFMD-RF2321 Datasheet
240Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF2322 RFMD-RF2322 Datasheet
285Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF2323 RFMD-RF2323 Datasheet
250Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF2325 RFMD-RF2325 Datasheet
245Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF2326 RFMD-RF2326 Datasheet
247Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
logo
Advanced Power Technolo...
MS1642P ADPOW-MS1642P Datasheet
82Kb / 3P
RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
logo
Microsemi Corporation
MS1642P MICROSEMI-MS1642P Datasheet
55Kb / 3P
RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
logo
Maxim Integrated Produc...
MAX2632EUK MAXIM-MAX2632EUK Datasheet
263Kb / 12P
VHF-to-Microwave, 3V, General-Purpose Amplifiers
Rev 3; 2/07
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com