Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5U49319 Datasheet (PDF) - Renesas Technology Corp

5U49319 Datasheet PDF - Renesas Technology Corp
Part # 5U49319
Download  5U49319 Download
File Size   489.94 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERY LOW POWER CLOCK FOR FREESCALE MCU’S

5U49319 Datasheet (PDF)

Go To PDF Page Download Datasheet
5U49319 Datasheet PDF - Renesas Technology Corp

Part # 5U49319
Download  5U49319 Click to download

File Size   489.94 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERY LOW POWER CLOCK FOR FREESCALE MCU’S

5U49319 Datasheet (HTML) - Renesas Technology Corp


5U49319 Product details

General Description
The IDT5U49319 is a very low power clock for Freescale
MCU’s. It uses a 1.5V core and Low-Power HCSL
(LP-HCSL) differential outputs for minimal power
consumption. The SATA and SRC outputs are PCIe Gen1/2
compatible.

Features/Benefits
• Various outputs are configurable to run in power down;
supports Wake_On_LAN
• FPGA clock frequency is selectable via SMBus; allows
low-power system standby
• Strapping pin sources SRC outputs from either spreading
or non-spreading PLL; maximum system flexibility
• FLEX clock is pin selectable to be FPGA clock or USB
PHY clock; maximum system flexibility
• TEST pin tri-states all outputs; speeds up board test
• External 25MHz crystal; supports tight ppm
• OE# pins; support SRC power management
• Low power differential clock outputs; reduced power and
board space
• Differential outputs internally terminated to 100
differential impedance; reduced board space
• Space-saving 7x7mm 48-pin VFQFPN with 0.5mm pad
pitch; reduced board space without the need for fine pitch
assembly techniques




Similar Part No. - 5U49319

ManufacturerPart #DatasheetDescription
logo
JJ Electronic
5U4GB JJ-5U4GB Datasheet
505Kb / 2P
full – wave vacuum rectifier
More results


Similar Description - 5U49319

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9VRS4338D IDT-9VRS4338D Datasheet
332Kb / 23P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
9VRS4339B IDT-9VRS4339B Datasheet
322Kb / 21P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
6V49205B IDT-6V49205B_17 Datasheet
558Kb / 18P
Freescale P10XX and P20XX System Clock
840NT4-01 IDT-840NT4-01 Datasheet
622Kb / 24P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
REVISION 2 05/18/15
logo
CTS Corporation
643H CTS-643H Datasheet
667Kb / 7P
Very Low Jitter HCSL Clock
645H CTS-645H Datasheet
662Kb / 7P
Very Low Jitter HCSL Clock
logo
Diodes Incorporated
PI6CG18200 DIODES-PI6CG18200 Datasheet
1Mb / 18P
Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
logo
Renesas Technology Corp
9VRS4339B RENESAS-9VRS4339B Datasheet
499Kb / 22P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
REV A 010312
840NT4-01 RENESAS-840NT4-01 Datasheet
868Kb / 25P
Ethernet & USB Clock Generator for Freescale B4/T4-based Systems
05/18/15
9VRS4338D RENESAS-9VRS4338D Datasheet
457Kb / 24P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com