Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9VRS4338D Datasheet (PDF) - Renesas Technology Corp

9VRS4338D Datasheet PDF - Renesas Technology Corp
Part # 9VRS4338D
Download  9VRS4338D Download
File Size   457.09 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERY LOW POWER CLOCK FOR 2011 NETBOOKS

9VRS4338D Datasheet (PDF)

Go To PDF Page Download Datasheet
9VRS4338D Datasheet PDF - Renesas Technology Corp

Part # 9VRS4338D
Download  9VRS4338D Click to download

File Size   457.09 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERY LOW POWER CLOCK FOR 2011 NETBOOKS

9VRS4338D Datasheet (HTML) - Renesas Technology Corp


9VRS4338D Product details

General Description
The 9VRS4338D is a main clock for Intel Netbooks,
conforming to the CK-NET specification. It is driven with a
14.31818MHz crystal and generates a variety of clocks,
including an LCD clock. An SMBus interface allows full
control of the device.
Recommended Application
CK-NET
Output Features
• 2 - 0.8V push-pull differential CPU pairs
• 3 - 0.8V push-pull differential SRC pairs
• 1 - 0.8V push-pull differential SATA/SRC pair
• 1 - 0.8V push-pull differential DOT96/SRC pair
• 1 - 0.8V push-pull differential LCD100 pair
• 1 - 0.8V push-pull differential CPU_ITP/SRC pair
• 3 - PCI (33MHz), 1 free-running
• 1 - 25MHz _PCI (33MHz)
• 1 - USB_48MHz
• 1 - REF, 14.318MHz

Features/Benefits
• 25M output can run in power down; Supports
Wake_On_LAN
• Selectable spread % on CPU, SRC, PCI; Supports
margining
• External 14.318MHz crystal; Supports tight ppm
• CLKREQ# pins; Support SRC power management
• Low power differential clock outputs; reduced power and
board space
• Integrated 33 ohm series resistors on all differential
outputs; reduced board space
Key Specifications
• CPU cycle-to-cycle jitter <85ps
• SRC/SATA cycle-to-cycle jitter <85ps
• SRC(1:4) are PCIe Gen2 compliant
• SRC5 is PCIe Gen1 compliant
• ±100ppm frequency accuracy on all clocks except 25M
• ±30ppm frequency accuracy on 25M




Similar Part No. - 9VRS4338D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9VRS4338D IDT-9VRS4338D Datasheet
332Kb / 23P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
9VRS4338DKLF IDT-9VRS4338DKLF Datasheet
332Kb / 23P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
9VRS4338DKLFT IDT-9VRS4338DKLFT Datasheet
332Kb / 23P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
More results


Similar Description - 9VRS4338D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9VRS4338D IDT-9VRS4338D Datasheet
332Kb / 23P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
9VRS4339B IDT-9VRS4339B Datasheet
322Kb / 21P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
logo
CTS Corporation
626 CTS-626 Datasheet
820Kb / 10P
Very Low Jitter LVPECL or LVDS Clock
643H CTS-643H Datasheet
667Kb / 7P
Very Low Jitter HCSL Clock
645H CTS-645H Datasheet
662Kb / 7P
Very Low Jitter HCSL Clock
logo
Diodes Incorporated
PI6CG18200 DIODES-PI6CG18200 Datasheet
1Mb / 18P
Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
logo
Renesas Technology Corp
5U49319 RENESAS-5U49319 Datasheet
489Kb / 21P
VERY LOW POWER CLOCK FOR FREESCALE MCU’S
0 Mar 2020
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
9FGV0831 RENESAS-9FGV0831 Datasheet
516Kb / 16P
8-Output Very Low-Power PCIe Gen 1–4 Clock Generator
JUNE 6, 2019
9VRS4339B RENESAS-9VRS4339B Datasheet
499Kb / 22P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
REV A 010312
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com