Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9VRS4339B Datasheet (PDF) - Renesas Technology Corp

9VRS4339B Datasheet PDF - Renesas Technology Corp
Part # 9VRS4339B
Download  9VRS4339B Download
File Size   499.3 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERY LOW POWER CLOCK FOR 2011 NETBOOKS

9VRS4339B Datasheet (PDF)

Go To PDF Page Download Datasheet
9VRS4339B Datasheet PDF - Renesas Technology Corp

Part # 9VRS4339B
Download  9VRS4339B Click to download

File Size   499.3 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERY LOW POWER CLOCK FOR 2011 NETBOOKS

9VRS4339B Datasheet (HTML) - Renesas Technology Corp


9VRS4339B Product details

General Description
The 9VRS4339B is a Intel CK-NET compatible main clock
for Intel Netbooks, conforming to the CK-NET specification.
It is driven with a 25MHz crystal and generates a variety of
clocks, including an LCD clock. An SMBus interface allows
full control of the device.
Output Features
• 2 – 0.8V push-pull differential CPU pairs
• 5 – 0.8V push-pull differential SRC pairs
• 1 – 0.8V push-pull differential SATA pair
• 1 – 0.8V push-pull differential DOT96/SRC pair
• 1 – 0.8V push-pull differential LCD100 pair
• 1 – 0.8V push-pull differential CPU_ITP/SRC pair
• 2 – PCI (33MHz)
• 1 – PCI_F, (33MHz) free-running
• 1 – USB_48MHz
• 1 – 48MHz
• 1 – 25MHz
• 1 – 27MHz/PCI
• 1 – 14.318MHz

Features/Benefits
• Supports Wake_On_LAN (see pin55 pin description)
• Selectable spread % on CPU, SRC, PCI; Supports
margining
• Uses external 25MHz crystal, external crystal load caps
are required for frequency tuning
• CLKREQ# pins; Support SRC power management
• Low power differential clock outputs driving 100 ohm
differential traces; reduced powe
• Integrated 33 ohm series resistors on all differential
outputs; reduced board space
Key Specifications
• CPU outputs cycle-to-cycle jitter <85ps
• SRC cycle-to-cycle jitter <85ps
• SRC meets PCIEX Gen2 specifications
• SATA outputs cycle-to-cycle jitter <125ps
• PCI outputs cycle-to-cycle jitter <500ps
• ±100ppm frequency accuracy on all clocks




Similar Part No. - 9VRS4339B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9VRS4339B IDT-9VRS4339B Datasheet
322Kb / 21P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
9VRS4339BKLF IDT-9VRS4339BKLF Datasheet
322Kb / 21P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
9VRS4339BKLFT IDT-9VRS4339BKLFT Datasheet
322Kb / 21P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
More results


Similar Description - 9VRS4339B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9VRS4338D IDT-9VRS4338D Datasheet
332Kb / 23P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
9VRS4339B IDT-9VRS4339B Datasheet
322Kb / 21P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
logo
CTS Corporation
626 CTS-626 Datasheet
820Kb / 10P
Very Low Jitter LVPECL or LVDS Clock
643H CTS-643H Datasheet
667Kb / 7P
Very Low Jitter HCSL Clock
645H CTS-645H Datasheet
662Kb / 7P
Very Low Jitter HCSL Clock
logo
Diodes Incorporated
PI6CG18200 DIODES-PI6CG18200 Datasheet
1Mb / 18P
Very Low Power 2-Output PCIe Clock Generator
Rev 5 - 2 July 2020
logo
Renesas Technology Corp
5U49319 RENESAS-5U49319 Datasheet
489Kb / 21P
VERY LOW POWER CLOCK FOR FREESCALE MCU’S
0 Mar 2020
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
9FGV0831 RENESAS-9FGV0831 Datasheet
516Kb / 16P
8-Output Very Low-Power PCIe Gen 1–4 Clock Generator
JUNE 6, 2019
9VRS4338D RENESAS-9VRS4338D Datasheet
457Kb / 24P
VERY LOW POWER CLOCK FOR 2011 NETBOOKS
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com