Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24J40MC-I/RM Datasheet (PDF) - Microchip Technology

MRF24J40MC-I/RM Datasheet PDF - Microchip Technology
Part # MRF24J40MC-I/RM
Download  MRF24J40MC-I/RM Download
File Size   1065.72 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.4 GHz IEEE Std. 802.15.4™ RF Transceiver Module with PA/LNA and External Antenna Connector

MRF24J40MC-I/RM Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF24J40MC-I/RM Datasheet PDF - Microchip Technology

Part # MRF24J40MC-I/RM
Download  MRF24J40MC-I/RM Click to download

File Size   1065.72 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.4 GHz IEEE Std. 802.15.4™ RF Transceiver Module with PA/LNA and External Antenna Connector

MRF24J40MC-I/RM Datasheet (HTML) - Microchip Technology


MRF24J40MC-I/RM Product details

Features:
• IEEE Std. 802.15.4™ Compliant RF Transceiver
• Supports ZigBee®, MiWi™ Development
Environment Proprietary Wireless Networking
Protocols
• 4-Wire Serial Peripheral Interface (SPI) with
Interrupt
• Small size: 0.9" x 1.3" (22.9 mm x 33.0 mm),
Surface Mountable: Pin Compatible with
MRF24J40MB
• Integrated Crystal, Internal Voltage Regulator,
Matching Circuitry, Power Amplifier, Low Noise
Amplifier
• External Antenna Connector : Ultra Miniature
Coaxial (U.FL), 50Ω
• Easy Integration into Final Product : Minimize
Product Development, Quicker Time to Market
• Radio Regulation Certified for United States
(FCC), Canada (IC), Europe (ETSI) and
Australia/New Zealand (C-TICK)
• Compatible with Microchip microcontroller
families (PIC16, PIC18, PIC24, dsPIC33 and
PIC32)
• Range up to 4000 ft

Operational:
• Operating Voltage: 3.0V – 3.6V (3.3V typical)
• Temperature Range: -40°C to +85°C Industrial
• Low-Current Consumption:
- Rx Mode: 25 mA (typical)
- Tx Mode: 120 mA (typical)
- Sleep: 12 A (typical)

RF/Analog Features:
• ISM Band 2.405 GHz – 2.475 GHz Operation
• Data Rate: 250 kbps
• -108 dBm Typical Sensitivity with -23 dBm
Maximum Input Level
• +19 dBm Typical Output Power with 45 dB Tx
Power Control Range
• Integrated Low Phase Noise VCO, Frequency
Synthesizer and PLL Loop Filter
• Digital VCO and Filter Calibration
• Integrated RSSI ADC and I/Q DACs
• Integrated LDO
• High Receiver RSSI Dynamic Range

MAC/Baseband Features:
• Hardware CSMA-CA Mechanism, Automatic ACK
Response and FCS Check
• Independent Beacon, Transmit and GTS FIFO
• Supports all CCA modes and RSS/LQI
• Automatic Packet Retransmit Capable
• Hardware Security Engine (AES-128) with CTR,
CCM and CBC-MAC modes
• Supports Encryption and Decryption for MAC Sub
layer and Upper Layer




Similar Part No. - MRF24J40MC-I/RM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
484Kb / 30P
2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module
2008
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
MRF24J40MA-I MICROCHIP-MRF24J40MA-I Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
MRF24J40MAT-I MICROCHIP-MRF24J40MAT-I Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
MRF24J40MA MICROCHIP-MRF24J40MA_V01 Datasheet
684Kb / 31P
2.4 GHz IEEE® Std. 802.15.4™ RF Transceiver Module
Revision D June 2022
More results


Similar Description - MRF24J40MC-I/RM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
IEEE 802.15.4??2.4 GHz RF Transceiver
2006
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
484Kb / 30P
2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Microchip Technology
MRF24J40MD MICROCHIP-MRF24J40MD Datasheet
939Kb / 34P
2.4 GHz IEEE Std. 802.15.4??RF Transceiver Module with PA/LNA
03/25/14
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Microchip Technology
MRF24J40MB MICROCHIP-MRF24J40MB Datasheet
562Kb / 34P
2.4 GHz IEEE Std. 802.15.4, 20 dBm RF Transceiver Module
03/26/09
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com