Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T49NS010 Datasheet (PDF) - Renesas Technology Corp

8T49NS010 Datasheet PDF - Renesas Technology Corp
Part # 8T49NS010
Download  8T49NS010 Download
File Size   925.09 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Synthesizer and Fanout Buffer/Divider

8T49NS010 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T49NS010 Datasheet PDF - Renesas Technology Corp

Part # 8T49NS010
Download  8T49NS010 Click to download

File Size   925.09 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Synthesizer and Fanout Buffer/Divider

8T49NS010 Datasheet (HTML) - Renesas Technology Corp


8T49NS010 Product details

General Description
The 8T49NS010 is a Clock Synthesizer and Fanout Buffer/Divider.
When used with an external crystal, the 8T49NS010 generates high
performance timing geared towards the communications and datacom markets, especially for applications demanding extremely low
phase noise jitter, such as 10, 40 and 100GE.
The 8T49NS010 provides versatile frequency configurations and
output formats and is optimized to deliver excellent phase noise
performance. The device delivers an optimum combination of high
clock frequency and low phase noise performance, combined with
high power supply noise rejection.
The 8T49NS010 supports two types of output levels. FORMAT #1
Outputs provide an output level with 750mV typical swing, and
requires external DC termination. FORMAT #2 Outputs provide a
similar swing level which does not require DC termination.
The device can be configured through an I2C serial interface and is
offered in a lead-free (RoHS6) 56-pin VFQFN package.
The extended temperature range supports telecommunication and
networking end equipment requirements.

Features
• Ten differential outputs
• The input operates in full differential mode (LVDS, LVPECL) or
single-ended LVCMOS mode
• Can be driven from a crystal or differential clock
• Support of output power-down
• Excellent clock output phase noise
Offset Output Frequency Single-side Band Phase Noise
100kHz 156.25MHz -144 dBc/Hz
• Phase Noise RMS, 12kHz to 20MHz integration range:
84fs (typical)
• LVCMOS compatible I2C serial interface
• I
2C control inputs are 3.3V tolerant
• Full 3.3V supply voltage
• Lead-free (RoHS 6) 56-pin VFQFN packaging
• -40°C to 85°C ambient operating temperature




Similar Part No. - 8T49NS010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49NS010 IDT-8T49NS010 Datasheet
730Kb / 35P
Ten differential outputs
More results


Similar Description - 8T49NS010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
8T73S1802 IDT-8T73S1802_17 Datasheet
816Kb / 25P
1:2 Clock Fanout Buffer and Frequency Divider
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
8T73S1802 IDT-8T73S1802_18 Datasheet
441Kb / 24P
1:2 Clock Fanout Buffer and Frequency Divider
logo
Renesas Technology Corp
8T73S1802 RENESAS-8T73S1802 Datasheet
1Mb / 25P
1:2 Clock Fanout Buffer and Frequency Divider
January 21, 2018
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
8V74S4622 RENESAS-8V74S4622 Datasheet
587Kb / 17P
Clock Fanout Buffer/Frequency Divider
05/11/15
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com