Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V74S4622 Datasheet (PDF) - Renesas Technology Corp

8V74S4622 Datasheet PDF - Renesas Technology Corp
Part # 8V74S4622
Download  8V74S4622 Download
File Size   587.25 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Fanout Buffer/Frequency Divider

8V74S4622 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V74S4622 Datasheet PDF - Renesas Technology Corp

Part # 8V74S4622
Download  8V74S4622 Click to download

File Size   587.25 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Fanout Buffer/Frequency Divider

8V74S4622 Datasheet (HTML) - Renesas Technology Corp


8V74S4622 Product details

General Description
The 8V74S4622 is a versatile Clock Fanout Buffer/Frequency
Divider. The device supports the selection, division and distribution
of high-frequency clock signals with very low additive phase noise.
The 8V74S4622 uses SiGe technology for an optimum of high clock
frequency and low phase noise performance, combined with high
power supply noise rejection and internal isolation.
Two selectable inputs are supported for differential and single ended
clocks. Each of the two outputs can select a copy or a frequencydivided input signal. The available frequency divisions are
divide-by-2, 4, 5 and 8. Both outputs support LVDS interfaces. For
each of the two outputs, a synchronous output enabled control is
implemented for stopping the output clock synchronously to the input
clock signal. All device configurations are through a logic pin
interface. The device is packaged in a lead-free (RoHS 6) 20-lead
VFQFN package. The extended temperature range supports
wireless infrastructure, telecommunication and networking end
equipment requirements. The device is a member of the
high-performance clock family from IDT.

Features
• Clock signal selection, frequency-division and distribution
• Two outputs individually select:
• The input signal ÷2, ÷4, ÷5 and ÷8 or
• The input signal without frequency division (input signal is
passed through)
• Two inputs to support single-ended and differential operation
• Differential input supports LVDS and LVPECL signals
• Single-ended input supports LVCMOS signals
• Two differential LVDS outputs
• Maximum Input Frequency (differential input clock): 2000MHz
• Maximum Output Frequency: 2000MHz
• Output skew: 22ps (maximum)
• Additive phase noise RMS, 125MHz, SELn = 0, 12kHz - 20MHz
integration range: 180fs (maximum)
• LVDS output rise/fall time: 260ps (maximum)
• 3.3V core and output supply voltages
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) 4x4 mm2 20-lead VFQFN packaging




Similar Part No. - 8V74S4622

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V74S4622 IDT-8V74S4622 Datasheet
393Kb / 16P
Clock signal selection
More results


Similar Description - 8V74S4622

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
8T73S1802 IDT-8T73S1802_17 Datasheet
816Kb / 25P
1:2 Clock Fanout Buffer and Frequency Divider
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
8T73S1802 IDT-8T73S1802_18 Datasheet
441Kb / 24P
1:2 Clock Fanout Buffer and Frequency Divider
logo
Renesas Technology Corp
8T49NS010 RENESAS-8T49NS010 Datasheet
925Kb / 38P
Clock Synthesizer and Fanout Buffer/Divider
10/15/15
8T73S1802 RENESAS-8T73S1802 Datasheet
1Mb / 25P
1:2 Clock Fanout Buffer and Frequency Divider
January 21, 2018
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com