Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V19N491-24 Datasheet (PDF) - Renesas Technology Corp

8V19N491-24 Datasheet PDF - Renesas Technology Corp
Part # 8V19N491-24
Download  8V19N491-24 Download
File Size   2332.48 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N491-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V19N491-24 Datasheet PDF - Renesas Technology Corp

Part # 8V19N491-24
Download  8V19N491-24 Click to download

File Size   2332.48 Kbytes
Page   75 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N491-24 Datasheet (HTML) - Renesas Technology Corp


8V19N491-24 Product details

Description
The 8V19N491-24 is a fully integrated FemtoClock NG Jitter
Attenuator and Clock Synthesizer that is designed as a
high-performance clock solution for conditioning and
frequency/phase management of wireless base station radio
equipment boards. The device is optimized to deliver excellent
phase noise performance as required in GSM, WCDMA, LTE, and
LTE-A radio board implementations. The device supports
JESD204B subclass 0 and 1 clocks. A two-stage PLL architecture
supports both jitter attenuation and frequency multiplication. The
first stage PLL is the jitter attenuator and uses an external VCXO
for best possible phase noise characteristics. The second stage
PLL locks on the VCXO-PLL output signal and synthesizes the
target frequency.
The 8V19N491-24 supports the clock generation of
high-frequency clocks from the selected VCO and low-frequency
synchronization signals (SYSREF). SYSREF signals are internally
synchronized to the clock signals. Delay functions exist for
achieving alignment and controlled phase delay between system
reference and clock signals and to align/delay individual output
signals. The four redundant inputs are monitored for activity.
Four selectable clock switching modes are provided to handle
clock input failure scenarios. Auto-lock, individually programmable
output frequency dividers, and phase adjustment capabilities are
added for flexibility. The device is configured through a selectable
3/4-wire SPI interface and reports lock and signal loss status in
internal registers and via an lock detect (LOCK) output. Internal
status bit changes can also be reported via the nINT output.
The 8V19N491-24 is ideal for driving converter circuits in wireless
infrastructure, radar/imaging and instrumentation/medical
applications.

Features
▪ High-performance clock RF-PLL with support for JESD204B/C
▪ Optimized for low phase noise: -155dBc/Hz (1MHz offset;
245.76MHz clock, and 491.52MHz VCXO)
▪ Integrated phase noise of 80fs RMS typical (12k-20MHz).
▪ Dual-PLL architecture
▪ First PLL stage with external VCXO for clock jitter attenuation
▪ Second PLL with internal FemtoClockNG PLL: 2457.6MHz
▪ Six output channels with a total of 16 outputs, organized in:
• Four JESD204B channels (device clock and SYSREF
output) with two, four, and five outputs
• One clock channel with two outputs
• One VCXO output
▪ Configurable integer clock frequency dividers
▪ Supported clock output frequencies include: 2457.6, 1228.8,
614.4, 491.52, 307.2, 245.76, 153.6, and 122.88MHz
▪ Low-power LVPECL/LVDS outputs support configurable signal
amplitude, DC and AC coupling, and LVPECL, LVDS line
terminations techniques
▪ Phase delay circuits
• Clock phase delay with 256 steps of 407ps and a range of
0 to 103.76 ns
• Individual SYSREF phase delay with 8 steps of 407ps
• Additional individual SYSREF fine phase delay with
25ps steps
• Global SYSREF signal delay with 256 steps of 814ps and a
range of 0 to 207.52 ns
▪ Redundant input clock architecture with two inputs including:
• Input activity monitoring
• Manual and automatic, fault-triggered clock selection modes
• Priority controlled clock selection
• Digital holdover and hitless switching
• Differential inputs accept LVDS and LVPECL signals
▪ SYSREF generation modes include internal and external
trigger mode for JESD204B
▪ Supply voltage: 3.3V
▪ SPI interface, 3/4 wire configurable
▪ SPI and control I/O voltage: 1.8V/3.3V (configurable)
▪ Package: 10  10 mm, 88-VFQFPN
▪ Temperature range: -40°C to +105°C (Case)




Similar Part No. - 8V19N491-24

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
More results


Similar Description - 8V19N491-24

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N492-39 RENESAS-8V19N492-39 Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N470 RENESAS-8V19N470 Datasheet
1Mb / 82P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 20, 2017
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N490B RENESAS-8V19N490B Datasheet
2Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 18, 2021
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
8V44N4614 RENESAS-8V44N4614 Datasheet
943Kb / 32P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
02/25/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com