Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845254 Datasheet (PDF) - Renesas Technology Corp

845254 Datasheet PDF - Renesas Technology Corp
Part # 845254
Download  845254 Download
File Size   556.74 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V, 2.5V CML Clock Generator

845254 Datasheet (PDF)

Go To PDF Page Download Datasheet
845254 Datasheet PDF - Renesas Technology Corp

Part # 845254
Download  845254 Click to download

File Size   556.74 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V, 2.5V CML Clock Generator

845254 Datasheet (HTML) - Renesas Technology Corp


845254 Product details

General Description
The 845254 is a 3.3V/2.5V CML clock generator designed for
Ethernet applications. The device synthesizes either a 50MHz,
62.5MHz, 100MHz, 125MHz, 156.25MHz, 250MHz or 312.5MHz
clock signal with excellent phase jitter performance. The clock signal
is distributed to four low-skew differential CML outputs. The device is
suitable for driving the reference clocks of Ethernet PHYs. The
device supports 3.3V and 2.5V voltage supply and is packaged in a
small, lead-free (RoHS 6) 32-lead VFQFN package. The extended
temperature range supports telecommunication, wireless
infrastructure and networking end equipment requirements.

Features
• Clock generation of: 50MHz, 62.5MHz, 100MHz, 125MHz,
156.25MHz, 250MHz and 312.5MHz
• Four differential CML clock output pairs
• 25MHz reference clock (selectable internal crystal oscillator and
external LVCMOS clock)
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.405ps (typical)
Offset Noise Power
100Hz.................... -104.6 dBc/Hz
1kHz.................... -118.4 dBc/Hz
10kHz................... -124.1 dBc/Hz
100kHz................... -125.3 dBc/Hz
• LVCMOS interface levels for the control inputs
• Full 3.3V and 2.5V supply voltage
• Available in lead-free (RoHS 6) 32 VFQFN package
• -40°C to 85°C ambient operating temperature
• Replacement part: 843002AYLF




Similar Part No. - 845254

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
845254 IDT-845254 Datasheet
246Kb / 20P
FemtoClock Crystal-to-3.3V, 2.5V
845254AKILF IDT-845254AKILF Datasheet
246Kb / 20P
FemtoClock Crystal-to-3.3V, 2.5V
845254AKILFT IDT-845254AKILFT Datasheet
246Kb / 20P
FemtoClock Crystal-to-3.3V, 2.5V
More results


Similar Description - 845254

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8R45252I RENESAS-8R45252I Datasheet
498Kb / 21P
FemtoClock® Crystal-to-CML Clock Generator
January 29, 2016
843021I-01 RENESAS-843021I-01 Datasheet
439Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
9/25/15
843022I-02 RENESAS-843022I-02 Datasheet
722Kb / 18P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
11/4/15
843023I RENESAS-843023I Datasheet
398Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
JANUARY 9, 2015
843031I-01 RENESAS-843031I-01 Datasheet
400Kb / 17P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
10/15/15
843251I-12 RENESAS-843251I-12 Datasheet
509Kb / 17P
Femtoclock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
January 19, 2016
843251I-15 RENESAS-843251I-15 Datasheet
737Kb / 21P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
10/29/15
845252 RENESAS-845252 Datasheet
414Kb / 17P
FemtoClock® Crystal-to-CML Clock Generator
November 11, 2016
845264 RENESAS-845264 Datasheet
605Kb / 24P
FemtoClock®Crystal-to-CML Clock Generator
07/20/15
843071 RENESAS-843071 Datasheet
634Kb / 19P
FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com