Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845264 Datasheet (PDF) - Renesas Technology Corp

845264 Datasheet PDF - Renesas Technology Corp
Part # 845264
Download  845264 Download
File Size   605.91 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock®Crystal-to-CML Clock Generator

845264 Datasheet (PDF)

Go To PDF Page Download Datasheet
845264 Datasheet PDF - Renesas Technology Corp

Part # 845264
Download  845264 Click to download

File Size   605.91 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock®Crystal-to-CML Clock Generator

845264 Datasheet (HTML) - Renesas Technology Corp


845264 Product details

General Description
The 845264 is a 3.3V, 2.5V CML clock generator designed for
Ethernet applications. The device synthesizes four clock frequencies
on two separately selectable output banks. Each bank has either a
62.5MHz, 125MHz, 156.25MHz or 312.5MHz clock signal with
excellent phase jitter performance. Each clock frequency is
distributed to two low-skew differential CML output banks with a total
of four outputs. The device is suitable for driving the reference clocks
of Ethernet PHYs. The device supports 3.3V and 2.5V voltage
supply and is packaged in a small, lead-free (RoHS 6) 32-lead
VFQFN package. The extended temperature range supports
telecommunication, wireless infrastructure and networking end
equipment requirements.

Features
• Clock generation of: 62.5MHz, 125MHz, 156.25MHz and
312.5MHz
• Two banks of two differential CML clock outputs
• Crystal interface designed for 25MHz, 12pF parallel resonant
crystal
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.486ps (typical)
Offset Single-side Band Phase Noise
100Hz ............................-97 dBc/Hz
1kHz...............................-118 dBc/Hz
10kHz.............................-125 dBc/Hz
100kHz...........................-123 dBc/Hz
• LVCMOS interface levels for the control inputs
• Full 3.3V and 2.5V supply voltage
• Lead-free (RoHS 6) 32 VFQFN packaging
• -40°C to 85°C ambient operating temperature




Similar Part No. - 845264

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8452 FILTRAN-8452 Datasheet
96Kb / 1P
Choke EMC Suppression Choke
logo
Heyco.
8452 HEYCO-8452 Datasheet
190Kb / 1P
Heyco-Flex™ II Liquid Tight Tubing
logo
Belden Inc.
8452 BELDEN-8452 Datasheet
144Kb / 2P
Portable Cordage, 2 C #18 Str BC, EPDM Ins, Rubber Jkt, UL Type SV
02-15-2024
8452-0101000 BELDEN-8452-0101000 Datasheet
144Kb / 2P
Portable Cordage, 2 C #18 Str BC, EPDM Ins, Rubber Jkt, UL Type SV
02-15-2024
8452-010250 BELDEN-8452-010250 Datasheet
144Kb / 2P
Portable Cordage, 2 C #18 Str BC, EPDM Ins, Rubber Jkt, UL Type SV
02-15-2024
More results


Similar Description - 845264

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS845252I IDT-ICS845252I Datasheet
773Kb / 17P
FemtoClock??Crystal-to-CML Clock Generator
8R45252I IDT-8R45252I Datasheet
274Kb / 20P
FemtoClock Crystal-to-CML Clock Generator
logo
Renesas Technology Corp
8R45252I RENESAS-8R45252I Datasheet
498Kb / 21P
FemtoClock® Crystal-to-CML Clock Generator
January 29, 2016
841608 RENESAS-841608 Datasheet
1Mb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
January 31, 2023
844008I-46 RENESAS-844008I-46 Datasheet
497Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
11/6/15
844071 RENESAS-844071 Datasheet
434Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
11/17/15
845252 RENESAS-845252 Datasheet
414Kb / 17P
FemtoClock® Crystal-to-CML Clock Generator
November 11, 2016
845254 RENESAS-845254 Datasheet
556Kb / 21P
FemtoClock® Crystal-to-3.3V, 2.5V CML Clock Generator
08/25/15
ICS844011 RENESAS-ICS844011 Datasheet
1Mb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
AUGUST 27, 2012
ICS844201-45 RENESAS-ICS844201-45 Datasheet
926Kb / 17P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com