Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33G384A Datasheet (PDF) - STMicroelectronics

ST33G384A Datasheet PDF - STMicroelectronics
Part # ST33G384A
Download  ST33G384A Download
File Size   181.82 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Secure MCU with 32-bit ARM® SecurCore® SC300™ CPU,SWP interface and high-density Flash memory, automotive grade

ST33G384A Datasheet (PDF)

Go To PDF Page Download Datasheet
ST33G384A Datasheet PDF - STMicroelectronics

Part # ST33G384A
Download  ST33G384A Click to download

File Size   181.82 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Secure MCU with 32-bit ARM® SecurCore® SC300™ CPU,SWP interface and high-density Flash memory, automotive grade

ST33G384A Datasheet (HTML) - STMicroelectronics


ST33G384A Product details

Features
■ Hardware features
■ ARM® SecurCore® SC300™ 32-bit RISC core
■ cadenced at 25 MHz
■ 30 Kbytes of user RAM
■ Up to 1280 Kbytes of user Flash memory with
■ OTP area
■ Asynchronous receiver transmitter supporting ISO/IEC 7816-3 T=0 and T=1 protocols (Slave
■ mode supported)
■ Single wire protocol (SWP) interface for communications with NFC router (ETSI
■ 102-613 compliant)
■ Serial peripheral interface (SPI) master/slave
■ interface
■ Three 16-bit timers with interrupt capability
■ Seven general-purpose I/Os enabling
■ proprietary protocol implementation
■ 1.8 V, 3 V and 5 V supply voltage ranges
■ External clock frequency from 1 up to 10 MHz
■ Current consumption compatible with GSM
■ and ETSI specifications
■ Power-saving standby state
■ Contact assignment compatible with
■ ISO/IEC 7816-2
■ ESD protection greater than 4 kV (HBM)
■ Security features
■ Active shield
■ Memory protection unit (MPU)
■ Monitoring of environmental parameters
■ Protection against faults
■ 16- and 32-bit CRC calculation block (ISO
■ 13239, IEEE 802.3, etc.)
■ True random number generator
■ Unique serial number on each die
■ Hardware security-enhanced DES accelerator
■ Hardware security-enhanced AES accelerator
■ NESCRYPT coprocessor for public key cryptography algorithm

Applications
■ Major ST33G1M2A applications include:
■ Mobile communications (Automotive grade)
■ Java Card™ applications
■ AECQ100 compliant DFN8 6 × 5 mm




Similar Part No. - ST33G384A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST33G384M STMICROELECTRONICS-ST33G384M Datasheet
207Kb / 6P
M2M industrial secure MCU with 32-bit ARM® SecurCore® SC300??CPU and high-density Flash memory
Rev 2
More results


Similar Description - ST33G384A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST33G1M2 STMICROELECTRONICS-ST33G1M2 Datasheet
170Kb / 4P
Secure MCU with 32-bit ARM짰 SecurCore SC300 CPU and high-density Flash memory
01-Oct-2013
ST33G1M2M STMICROELECTRONICS-ST33G1M2M Datasheet
207Kb / 6P
M2M industrial secure MCU with 32-bit ARM® SecurCore® SC300??CPU and high-density Flash memory
Rev 2
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
Infineon Technologies A...
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
logo
STMicroelectronics
ST33TPM12LPC STMICROELECTRONICS-ST33TPM12LPC Datasheet
319Kb / 13P
Trusted Platform Module with LPC interface based on 32-bit ARM® SecurCore® SC300™ CPU
07-Nov-2013
ST32G512A STMICROELECTRONICS-ST32G512A Datasheet
181Kb / 5P
M2M automotive-grade secure MCU with 32-bit ARM® Cortex®-M3 CPU and up to 512 Kbytes of high density Flash memory
27-Jan-2016
logo
Infineon Technologies A...
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com