Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPM12LPC Datasheet (PDF) - STMicroelectronics

ST33TPM12LPC Datasheet PDF - STMicroelectronics
Part # ST33TPM12LPC
Download  ST33TPM12LPC Download
File Size   319.27 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trusted Platform Module with LPC interface based on 32-bit ARM® SecurCore® SC300™ CPU

ST33TPM12LPC Datasheet (PDF)

Go To PDF Page Download Datasheet
ST33TPM12LPC Datasheet PDF - STMicroelectronics

Part # ST33TPM12LPC
Download  ST33TPM12LPC Click to download

File Size   319.27 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trusted Platform Module with LPC interface based on 32-bit ARM® SecurCore® SC300™ CPU

ST33TPM12LPC Datasheet (HTML) - STMicroelectronics


ST33TPM12LPC Product details

Features
TPM features
 Single-chip Trusted Platform Module (TPM)
 Compliant with Trusted Computing Group
(TCG) Trusted Platform Module (TPM) Main
specifications 1.2, Level 2, Revision 116
 Based on TCG PC Client Specific TPM
Interface Specifications 1.21
 Common criteria (CC) certification based on
the certified TPM Protection Profile (Revision
116) with Evaluation Assurance Level (EAL) 4+
 Up to 33-MHz Low Pin Count (LPC) interface
V1.1
 Provisioned with Endorsement key and
Endorsement Key certificate
 Support of clock suspension for power saving
mode
 Support of Field Upgrade and Dictionary Attack
protection
 Monotonic counter endurance guaranteed for
7 years
 Support of software and hardware physical
presence

Hardware features
 ARM® SecurCore® SC300™ 32-bit RISC core
 Highly reliable CMOS EEPROM submicron
technology
– 30-year data retention at 25° C
– 500,000 Erase/Write cycles endurance
typical at 25° C
 Temperature range: 0°C to +70°C
 ESD protection up to 4 kV (HBM)
 3.3 V supply voltage range
 28-lead thin shrink small outline and 32-lead
very thin fine pitch quad flat pack ECOPACK®
packages

Security features
 Active shield and environmental sensors
 Memory protection unit (MPU)
 Monitoring of environmental parameters
(power and clock)
 Hardware and software protection against fault
injection
 AIS-31 Class P2 compliant true random
number generator (TRNG)
 Cryptographic algorithms:
– RSA key generation from 512 to 2048 with
a 2-byte step
– RSA signature and encryption
– SHA-1 and SHA-256
– AES-128 in CTR mode

Performance and resource features
 SHA1 computation for 64-byte block: 155 μs(a)
 Signature with a 2048-bit key: 150 ms(a)
 Signature with a 1024-bit key: 30 ms(a)
 NV storage allocated space: 4 Kbytes
(1.2 Kbytes used by EK certificate)
 Supported 2048-bit key slots:
– up to 10 key slots (without EK and SRK)
– 1 key slot in volatile memory for highfrequency
loading use case




Similar Part No. - ST33TPM12LPC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST33TPHF20I2C STMICROELECTRONICS-ST33TPHF20I2C Datasheet
1Mb / 47P
Trusted Platform Module
02-02
ST33TPHF20SPI STMICROELECTRONICS-ST33TPHF20SPI Datasheet
1Mb / 47P
Trusted Platform Module
02-02
ST33TPHF2ESPI STMICROELECTRONICS-ST33TPHF2ESPI Datasheet
440Kb / 26P
Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
Nov-2019
ST33TPHF2XI2C STMICROELECTRONICS-ST33TPHF2XI2C Datasheet
589Kb / 30P
STSAFE-TPM ST33TPHF2XI2C: TPM 2.0 device with an I²C interface
20-Dec-2022
ST33TPHF2XSPI STMICROELECTRONICS-ST33TPHF2XSPI Datasheet
670Kb / 35P
STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
20-Dec-2022
More results


Similar Description - ST33TPM12LPC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3204 ATMEL-AT97SC3204_14 Datasheet
300Kb / 8P
Trusted Platform Module LPC Interface
logo
SINOWEALTH Electronic L...
SH32F2601 SINOWEALTH-SH32F2601 Datasheet
4Mb / 370P
32-bit High Performance Motor Control MCU Based on ARM® Star
V1.0
SH33F2801 SINOWEALTH-SH33F2801 Datasheet
5Mb / 407P
32-bit High Performance Motor Control MCU Based on ARM® Star
V1.0
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
Infineon Technologies A...
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
logo
STMicroelectronics
ST33GXXXA STMICROELECTRONICS-ST33GXXXA Datasheet
181Kb / 6P
Secure MCU with 32-bit ARM® SecurCore® SC300™ CPU,SWP interface and high-density Flash memory, automotive grade
10-Mar-2016
logo
Infineon Technologies A...
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com