Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPM12LPC Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST33TPM12LPC
Description  Trusted Platform Module with LPC interface based on 32-bit ARM® SecurCore® SC300™ CPU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPM12LPC Datasheet(HTML) 5 Page - STMicroelectronics

  ST33TPM12LPC Datasheet HTML 1Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 2Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 3Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 4Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 5Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 6Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 7Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 8Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID022203 Rev 4
5/13
ST33TPM12LPC
Pin and signal description
Table 1. Pin descriptions
Signal
Type
Description
VPS
Input
3.3V Power supply. This pin must be connected to 3.3V DC power rail
supplied by the motherboard.
GND
Input
GND has to be connected to the main motherboard ground.
LAD[3:0]
Bidir
LPC Multiplexed Command, Address and Data (see LPC Spec)
LCLK
Input
Clock Same clock as PCI clock on the host (typically 33 MHz, but may be
as low as 10 MHz). Same clock phase with typical PCI skew. (see LPC
Spec)
LFRAME
Input
Frame indicates start of a new cycle, termination of broken cycle (see LPC
Spec)
LPCPD
Input
Power Down indicates that the peripheral should prepare for power to be
removed from the LPC i/F devices. Actual power removal is system
dependent (see LPC Spec)
LRESET
Input
Reset used to re-initialize the device
PP
Input
Physical Presence, active high, internal pull-down. Used to indicate
Physical Presence to the TPM.
SERIRQ
Bidir
Serialized IRQ is used by TPM to handle interrupt support (see LPC
Spec)
VNC
-
Vendor-controlled No Connect: internal pull-up implemented. Can be
left unconnected. Must not be tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com