Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPM12LPC Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST33TPM12LPC
Description  Trusted Platform Module with LPC interface based on 32-bit ARM® SecurCore® SC300™ CPU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPM12LPC Datasheet(HTML) 1 Page - STMicroelectronics

  ST33TPM12LPC Datasheet HTML 1Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 2Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 3Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 4Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 5Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 6Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 7Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 8Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2013
DocID022203 Rev 4
1/13
ST33TPM12LPC
Trusted Platform Module with LPC interface based on 32-bit ARM®
SecurCore® SC300™ CPU
Features
TPM features
 Single-chip Trusted Platform Module (TPM)
 Compliant with Trusted Computing Group
(TCG) Trusted Platform Module (TPM) Main
specifications 1.2, Level 2, Revision 116
 Based on TCG PC Client Specific TPM
Interface Specifications 1.21
 Common criteria (CC) certification based on
the certified TPM Protection Profile (Revision
116) with Evaluation Assurance Level (EAL) 4+
 Up to 33-MHz Low Pin Count (LPC) interface
V1.1
 Provisioned with Endorsement key and
Endorsement Key certificate
 Support of clock suspension for power saving
mode
 Support of Field Upgrade and Dictionary Attack
protection
 Monotonic counter endurance guaranteed for
7 years
 Support of software and hardware physical
presence
Hardware features
 ARM® SecurCore® SC300™ 32-bit RISC core
 Highly reliable CMOS EEPROM submicron
technology
– 30-year data retention at 25° C
– 500,000 Erase/Write cycles endurance
typical at 25° C
 Temperature range: 0°C to +70°C
 ESD protection up to 4 kV (HBM)
 3.3 V supply voltage range
 28-lead thin shrink small outline and 32-lead
very thin fine pitch quad flat pack ECOPACK®
packages
Security features
 Active shield and environmental sensors
 Memory protection unit (MPU)
 Monitoring of environmental parameters
(power and clock)
 Hardware and software protection against fault
injection
 AIS-31 Class P2 compliant true random
number generator (TRNG)
 Cryptographic algorithms:
– RSA key generation from 512 to 2048 with
a 2-byte step
– RSA signature and encryption
– SHA-1 and SHA-256
– AES-128 in CTR mode
Performance and resource features
 SHA1 computation for 64-byte block: 155 μs(a)
 Signature with a 2048-bit key: 150 ms(a)
 Signature with a 1024-bit key: 30 ms(a)
 NV storage allocated space: 4 Kbytes
(1.2 Kbytes used by EK certificate)
 Supported 2048-bit key slots:
– up to 10 key slots (without EK and SRK)
– 1 key slot in volatile memory for high-
frequency loading use case
TSSOP28
VQFN32
a. Typical value with clock configuration in secure mode
without communication time.
www.st.com
Data brief


Similar Part No. - ST33TPM12LPC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST33TPHF20I2C STMICROELECTRONICS-ST33TPHF20I2C Datasheet
1Mb / 47P
Trusted Platform Module
02-02
ST33TPHF20SPI STMICROELECTRONICS-ST33TPHF20SPI Datasheet
1Mb / 47P
Trusted Platform Module
02-02
ST33TPHF2ESPI STMICROELECTRONICS-ST33TPHF2ESPI Datasheet
440Kb / 26P
Flash-memory-based device combining TPM 1.2 and TPM 2.0 with an SPI interface
Nov-2019
ST33TPHF2XI2C STMICROELECTRONICS-ST33TPHF2XI2C Datasheet
589Kb / 30P
STSAFE-TPM ST33TPHF2XI2C: TPM 2.0 device with an I²C interface
20-Dec-2022
ST33TPHF2XSPI STMICROELECTRONICS-ST33TPHF2XSPI Datasheet
670Kb / 35P
STSAFE-TPM ST33TPHF2XSPI: TPM 2.0 device with an SPI interface
20-Dec-2022
More results

Similar Description - ST33TPM12LPC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3204 ATMEL-AT97SC3204_14 Datasheet
300Kb / 8P
Trusted Platform Module LPC Interface
logo
SINOWEALTH Electronic L...
SH32F2601 SINOWEALTH-SH32F2601 Datasheet
4Mb / 370P
32-bit High Performance Motor Control MCU Based on ARM® Star
V1.0
SH33F2801 SINOWEALTH-SH33F2801 Datasheet
5Mb / 407P
32-bit High Performance Motor Control MCU Based on ARM® Star
V1.0
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
Infineon Technologies A...
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
logo
STMicroelectronics
ST33GXXXA STMICROELECTRONICS-ST33GXXXA Datasheet
181Kb / 6P
Secure MCU with 32-bit ARM® SecurCore® SC300™ CPU,SWP interface and high-density Flash memory, automotive grade
10-Mar-2016
logo
Infineon Technologies A...
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com