Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPM12LPC Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST33TPM12LPC
Description  Trusted Platform Module with LPC interface based on 32-bit ARM® SecurCore® SC300™ CPU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPM12LPC Datasheet(HTML) 2 Page - STMicroelectronics

  ST33TPM12LPC Datasheet HTML 1Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 2Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 3Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 4Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 5Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 6Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 7Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 8Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Description
ST33TPM12LPC
2/13
DocID022203 Rev 4
1
Description
The ST33TPM12LPC is a cost-effective and high performance Trusted Platform Module
(TPM) targeting embedded system applications.
This device implements the functions defined by the Trusted Computing Group
(www.trustedcomputinggroup.org) in the TCG Trusted Platform Module Specifications
version 1.2 Level 2 Revision 116 ([1][2][3]), and is also based on the TCG PC Client specific
TPM interface specifications 1.21 [5] and the PC Client implementation specification for
conventional BIOS [6] for what concerns the TPM internal register list and bit definitions.
The ST33TPM12LPC is based on a secure MCU hardware platform.
The ST33TPM12LPC is built on a 32-bit ARM® reduced instruction set computing (RISC)
processor which provides high cryptographic and general performances. A crypto-processor
NESCRYPT is also present to support efficiently all public key cryptographic algorithms.
1.1
Hardware features
The ST33TPM12LPC is based on a smartcard-class secure MCU that incorporates the
most recent generation of ARM processors for embedded secure systems. Its SecurCore®
SC300™ 32-bit RISC core is built on the Cortex™ M3 core with additional security features
to help to protect against advanced forms of attacks.
Cadenced at 30 MHz, the SC300™ core brings great performance and excellent code
density thanks to the Thumb®-2 instruction set.
The ST33TPM12LPC offers an LPC (Low Pin Count) communication interface compatible
with Low Pin Count interface specification v1.1.
The ST33TPM12LPC features hardware accelerators for advanced cryptographic functions.
The EDES peripheral provides a secure DES (Data Encryption Standard) algorithm
implementation, while the NESCRYPT crypto-processor efficiently supports the public key
algorithm.
The ST33TPM12LPC operates in the 0 to +70°C temperature and 3.3V supply voltage
ranges.
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and device status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com