Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPM12LPC Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST33TPM12LPC
Description  Trusted Platform Module with LPC interface based on 32-bit ARM® SecurCore® SC300™ CPU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPM12LPC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST33TPM12LPC Datasheet HTML 5Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 6Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 7Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 8Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 9Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 10Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 11Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 12Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Delivery packing
ST33TPM12LPC
10/13
DocID022203 Rev 4
4
Delivery packing
Surface-mount packages can be supplied with Tape and Reel packing. The reels have a 13"
typical diameter.
Reels are in plastic, either anti-static or conductive, with a black conductive cavity tape. The
cover tape is transparent anti-static or conductive.
The devices are positioned in the cavities with the identifying pin (normally Pin “1”) on the
same side as the sprocket holes in the tape.
The STMicroelectronics Tape & Reel specifications are compliant to the EIA 481-A standard
specification.
Figure 6. Reel diagram
Table 4. Packages on Tape and Reel
Package
Description
Tape width Tape pitch Reel diameter
Quantity per reel
TSSOP 28
Thin shrink small
outline package
16 mm
8 mm
13 in.
2500
VFQFPN 32
Very thin fine pitch
quad flat pack no-
lead package
12 mm
8 mm
13 in.
3000
Table 5. Reel dimensions
Reel size
Tape
width
A Max. B Min.
C
D Min.
G Max.
N Min. T Max. Unit
13”
16
330
1.5
13 ±0.2
20.2
16.4 +2/–0
100
22.4
mm
12
12.6
18.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com