Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33TPM12LPC Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST33TPM12LPC
Description  Trusted Platform Module with LPC interface based on 32-bit ARM® SecurCore® SC300™ CPU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPM12LPC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST33TPM12LPC Datasheet HTML 5Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 6Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 7Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 8Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 9Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 10Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 11Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 12Page - STMicroelectronics ST33TPM12LPC Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID022203 Rev 4
11/13
ST33TPM12LPC
Delivery packing
Figure 7. Embossed carrier tape for VFQFPN 5x5 mm
1.
Drawing is not to scale.
Figure 8. Embossed carrier tape for TSSOP 16 mm
1. Drawing is not to scale.
Table 6. Carrier tape dimensions for VFQFPN 5x5 mm
Package
A0
B0
K0
D1
Min.
P
P2
D
P0
E
F
W
T
Max.
Unit
FPN 5x5
5.25
±0.1
5.25
±0.1
1.1
±0.1
1.5
8
±0.1
2
±0.1
1.55
±0.05
4
±0.1
1.75
±0.1
5.5
±0.1
12
±0.3
0.3
±0.05
mm
Table 7. Carrier tape constant dimensions for TSSOP 16 mm tape
Tape size
Ao, Bo, Ko(1)
D
E
Po
T Max.
Unit
16 mm
See note.
1.5 +0.1 / -0
1.75 ±0.1
4 ±0.1
0.4
mm
1. Ao, Bo, Ko, are determined by components sizes. The clearance between the component and the cavity must be within
0.05 mm (Min.) to 0.90 mm (Max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com