Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8741004 Datasheet (PDF) - Renesas Technology Corp

8741004 Datasheet PDF - Renesas Technology Corp
Part # 8741004
Download  8741004 Download
File Size   606.09 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator

8741004 Datasheet (PDF)

Go To PDF Page Download Datasheet
8741004 Datasheet PDF - Renesas Technology Corp

Part # 8741004
Download  8741004 Click to download

File Size   606.09 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator

8741004 Datasheet (HTML) - Renesas Technology Corp


8741004 Product details

General Description
The 8741004 is a high performance Differential-to-LVDS/0.7V
Differential Jitter Attenuator designed for use in PCI Express™
systems. In some PCI Express systems, such as those found in
desktop PCs, the PCI Express clocks are generated from a low
bandwidth, high phase noise PLL frequency synthesizer. In these
systems, a jitter attenuator may be required to attenuate high
frequency random and deterministic jitter components from the PLL
synthesizer and from the system board. The 8741004 has 3 PLL
bandwidth modes: 200kHz, 600kHz and 2MHz. The 200kHz mode
will provide maximum jitter attenuation, but with higher PLL tracking
skew and spread spectrum modulation from the motherboard
synthesizer may be attenuated. The 600kHz provides an
intermediate bandwidth that can easily track triangular spread
profiles, while providing good jitter attenuation. The 2MHz bandwidth
provides the best tracking skew and will pass most spread profiles,
but the jitter attenuation will not be as good as the lower bandwidth
modes. Because some 2.5Gb serdes have x20 multipliers while
others have x25 multipliers, the 8741004 can be set for 1:1 mode or
5/4 multiplication mode (i.e. 100MHz input/125MHz output) using the
F_SEL pins.
The 8741004 uses IDT’s 3rd Generation FemtoClock™
PLL technology to achieve the lowest possible phase noise.
The device is packaged in a 24 Lead TSSOP package, making it
ideal for use in space constrained applications such as PCI Express
add-in cards.

Features
• Two LVDS and two 0.7V differential output pairs
Bank A has two LVDS output pairs and
Bank B has two 0.7V differential output pairs
• One differential clock input pair
• CLK, CLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency range: 98MHz - 160MHz
• Input frequency range: 98MHz - 128MHz
• VCO range: 490MHz - 640MHz
• Cycle-to-cycle jitter: 35ps (maximum)
• Full 3.3V operating supply
• Three bandwidth modes allow the system designer to make jitter
attenuation/tracking skew design trade-offs
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8741004

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8741004AG IDT-8741004AG Datasheet
1Mb / 19P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
8741004AGLF IDT-8741004AGLF Datasheet
1Mb / 19P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
8741004AGLFT IDT-8741004AGLFT Datasheet
1Mb / 19P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
8741004AGT IDT-8741004AGT Datasheet
1Mb / 19P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
8741004BGI IDT-8741004BGI Datasheet
1Mb / 20P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
More results


Similar Description - 8741004

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004_1 Datasheet
1Mb / 19P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004I IDT-ICS8741004I Datasheet
1Mb / 20P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
logo
Renesas Technology Corp
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
874003DI-02 RENESAS-874003DI-02 Datasheet
634Kb / 17P
PCI Express™ Jitter Attenuator
7/17/15
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
ICS871S1022 RENESAS-ICS871S1022 Datasheet
970Kb / 23P
Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com