Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS871S1022 Datasheet (PDF) - Renesas Technology Corp

ICS871S1022 Datasheet PDF - Renesas Technology Corp
Part # ICS871S1022
Download  ICS871S1022 Download
File Size   970.01 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-0.7V Differential PCI Express™ Jitter Attenuator

ICS871S1022 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS871S1022 Datasheet PDF - Renesas Technology Corp

Part # ICS871S1022
Download  ICS871S1022 Click to download

File Size   970.01 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-0.7V Differential PCI Express™ Jitter Attenuator

ICS871S1022 Datasheet (HTML) - Renesas Technology Corp


ICS871S1022 Product details

Features
• Four 0.7V differential output pairs
• One differential clock input pair
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL
• Crystal oscillator interface designed for 25MHz, 18pF parallel
resonant crystal
• RMS phase jitter at 100MHz, using a 25MHz crystal
(12kHz – 20MHz): 0.608ps (typical)
• High frequency jitter attenuator mode has high PLL bandwidth
which allows for better input tracking
• Supports PCI Express Spread-Spectrum Clocking
• PCI Express Gen 1, 2 and 3 jitter compliant
• 3.3V operating supply voltage
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS871S1022

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS871004AGI-04 IDT-ICS871004AGI-04 Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004AGI-04LF IDT-ICS871004AGI-04LF Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004AGI-04LFT IDT-ICS871004AGI-04LFT Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004AGI-04T IDT-ICS871004AGI-04T Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
More results


Similar Description - ICS871S1022

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004_1 Datasheet
1Mb / 19P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004I IDT-ICS8741004I Datasheet
1Mb / 20P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
logo
Renesas Technology Corp
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
874003DI-02 RENESAS-874003DI-02 Datasheet
634Kb / 17P
PCI Express™ Jitter Attenuator
7/17/15
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com