Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS871004I-04 Datasheet (PDF) - Renesas Technology Corp

ICS871004I-04 Datasheet PDF - Renesas Technology Corp
Part # ICS871004I-04
Download  ICS871004I-04 Download
File Size   1169.75 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator

ICS871004I-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS871004I-04 Datasheet PDF - Renesas Technology Corp

Part # ICS871004I-04
Download  ICS871004I-04 Click to download

File Size   1169.75 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator

ICS871004I-04 Datasheet (HTML) - Renesas Technology Corp


ICS871004I-04 Product details

General Description
The ICS871004I-04 is a high performance Jitter Attenuator designed
for use in PCI Express™ systems. In some PCI Express systems,
such as those found in desktop PCs, the PCI Express clocks are
generated from a low bandwidth, high phase noise PLL frequency
synthesizer. In these systems, a jitter attenuator may be required to
attenuate high frequency random and deterministic jitter components
from the PLL synthesizer and from the system board. The
ICS871004I-04 has three PLL bandwidth modes: 200kHz, 700kHz
and 1700kHz. The 200kHz mode provides the maximum jitter
attenuation, but it also results in higher PLL tracking time. In this
mode, the spread spectrum modulation may also be attenuated. The
700kHz bandwidth provides an intermediate bandwidth that can
easily track tri-angular spread profiles, while providing good jitter
attenuation. The 1700kHz bandwidth provides the best tracking skew
and will pass most spread profiles, but the jitter attenuation will not be
as good as the lower bandwidth modes. The ICS871004I-04 can be
set for different modes using the F_SELx pins as shown in Table 3C.
The ICS871004I-04 uses IDT’s 3RD Generation FemtoClock® PLL
technology to achieve the lowest possible phase noise. The device is
packaged in a 24 Lead TSSOP package, making it ideal for use in
space constrained applications such as PCI Express add-in cards.
Features
• Four differential HCSL output pairs
• One differential clock input
• CLK, nCLK can accept the following differential input levels:
LVPECL, LVDS, HSTL, HCSL
• Output frequency range: 98MHz to 640MHz
• Input frequency range: 98MHz to 128MHz
• VCO range: 490MHz - 640MHz
• Cycle-to-cycle jitter: 7.5ps (typical)
• Three bandwidth modes allow the system designer to make jitter
attenuation/tracking skew design trade-offs
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS871004I-04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
More results


Similar Description - ICS871004I-04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004_1 Datasheet
1Mb / 19P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004I IDT-ICS8741004I Datasheet
1Mb / 20P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
logo
Renesas Technology Corp
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
874003DI-02 RENESAS-874003DI-02 Datasheet
634Kb / 17P
PCI Express™ Jitter Attenuator
7/17/15
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
ICS871S1022 RENESAS-ICS871S1022 Datasheet
970Kb / 23P
Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com