Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2111CT/1 Datasheet (PDF) - NXP Semiconductors

PCF2111CT/1 Datasheet PDF - NXP Semiconductors
Part # PCF2111CT/1
Download  PCF2111CT/1 Download
File Size   258.92 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LCD drivers

PCF2111CT/1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF2111CT/1 Datasheet PDF - NXP Semiconductors

Part # PCF2111CT/1
Download  PCF2111CT/1 Click to download

File Size   258.92 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LCD drivers

PCF2111CT/1 Datasheet (HTML) - NXP Semiconductors


PCF2111CT/1 Product details

General description
The PCF21xxC family are single-chip, silicon gate CMOS LCD driver circuits. A 3-line bus
(C-bus) structure enables serial data transfer with microcontrollers.

Features and benefits
- Supply voltage 2.25 V to 6.0 V
- Low current consumption
- Serial data input
- C-bus control
- One-point built-in oscillator
- Stand-alone or expanded system
- Power-on reset clear
- LCD segments: 40 (PCF2100C), 64 (PCF2111C) and 32 (PCF2112C)
- Multiplex rate: 1:2 (PCF2100C and PCF2111C) and 1:1 (PCF2112C)
- Word length: 22 bits (PCF2100C) and 34 bits (PCF2111C and PCF2112C)




Similar Part No. - PCF2111CT/1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2111CT PHILIPS-PCF2111CT Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF2111CT PHILIPS-PCF2111CT Datasheet
147Kb / 24P
LCD drivers
1997 Mar 28
PCF2111CT PHILIPS-PCF2111CT Datasheet
205Kb / 24P
Supply voltage 2.25 to 6.0V
1997 Mar 28
More results


Similar Description - PCF2111CT/1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2103 PHILIPS-PCF2103 Datasheet
300Kb / 56P
LCD controllers/drivers
1998 May 11
PCF2116 PHILIPS-PCF2116 Datasheet
407Kb / 64P
LCD controller/drivers
1997 Apr 07
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
LCD Display Drivers
LC7930N SANYO-LC7930N Datasheet
79Kb / 7P
LCD Drivers
logo
NXP Semiconductors
PCF2113X PHILIPS-PCF2113X Datasheet
332Kb / 72P
LCD controllers/drivers
2001 Dec 19
PCF2119X PHILIPS-PCF2119X Datasheet
339Kb / 68P
LCD controllers/drivers
2003 Jan 30
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
LCD drivers
1997 Mar 28
PCF2116CU NXP-PCF2116CU Datasheet
277Kb / 64P
LCD controller/drivers
1997 Apr 07
PCF2112CT PHILIPS-PCF2112CT Datasheet
147Kb / 24P
LCD drivers
1997 Mar 28
PCF2116AU NXP-PCF2116AU Datasheet
277Kb / 64P
LCD controller/drivers
1997 Apr 07
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com