Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1283 Datasheet (PDF) - STMicroelectronics

ADC1283 Datasheet PDF - STMicroelectronics
Part # ADC1283
Download  ADC1283 Download
File Size   782.76 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC

ADC1283 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1283 Datasheet PDF - STMicroelectronics

Part # ADC1283
Download  ADC1283 Click to download

File Size   782.76 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC

ADC1283 Datasheet (HTML) - STMicroelectronics


ADC1283 Product details

Features
• 50 ksps to 200 ksps conversion rate
• 8-to-1-channel input MUX
• 2.7 V to 5.5 V digital I/Os supply voltage
• 2.7 V to 5.5 V analog supply voltage
• DNL (AVCC = DVCC = 5 V): +/- 0.9 LSB maximum
• INL (AVCC = DVCC = 5 V): +/- 1.2 LSB maximum
• Very low consumption: Pd = 3.2 mW typical @ 5 V supply
• Power-down mode
• Temperature range: -40 °C to 125 °C
• 4-wire SPI serial digital interface
• TSSOP-16 package

Applications
• Industrial process control
• Shunt resistor monitoring
• Data acquisition and instrumentation
• Test and measurement equipment
• Strain gauge sensing
• Telemetry

Description
The ADC1283 is a low-power, eight-channel pure CMOS 12-bit analog-to-digital
converter specified for conversion from 50 ksps to 200 ksps, tested at 200 ksps
(3.2 MHz clock frequency). The architecture is based on a successive-approximation
register with an internal track-and-hold cell. The ADC1283 features 8 single-ended
multiplexed inputs. The output serial data is straight binary and is SPI™ compatible.
The analog power supply operates from 2.7 V to 5.5 V. The digital power supply
operates independently from analog supply from 2.7 V to 5.5 V. The power
consumption at 5 V nominal supply is as low as 3.2 mW. The ADC1283 comes
in a plastic TSSOP-16 package and can operate from -40 °C to +125 °C ambient
temperature.




Similar Part No. - ADC1283

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC128 MPSIND-ADC128 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818 Datasheet
1Mb / 41P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818 TI2-ADC128D818 Datasheet
832Kb / 49P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor With Temperature Sensor, Internal – External Reference, and I2C Interface
REVISED AUGUST 2015
logo
National Semiconductor ...
ADC128D818CIMT NSC-ADC128D818CIMT Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Similar Description - ADC1283

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD678 AD-AD678 Datasheet
311Kb / 14P
12-Bit 200 kSPS Complete Sampling ADC
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Analog Devices
AD678 AD-AD678_15 Datasheet
305Kb / 14P
12-Bit 200 kSPS Complete Sampling ADC
REV. C
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com