Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1283 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ADC1283
Description  8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC1283 Datasheet(HTML) 4 Page - STMicroelectronics

  ADC1283 Datasheet HTML 1Page - STMicroelectronics ADC1283 Datasheet HTML 2Page - STMicroelectronics ADC1283 Datasheet HTML 3Page - STMicroelectronics ADC1283 Datasheet HTML 4Page - STMicroelectronics ADC1283 Datasheet HTML 5Page - STMicroelectronics ADC1283 Datasheet HTML 6Page - STMicroelectronics ADC1283 Datasheet HTML 7Page - STMicroelectronics ADC1283 Datasheet HTML 8Page - STMicroelectronics ADC1283 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
3
Electrical characteristics
Table 4. Electrical characteristics AGND = DGND = 0 V, fSCLK = 3.2 MHz, fSAMPLE = 200 ksps, CL = 50 pF, Ta = 25 °C, all
specifications Tmin to Tmax unless otherwise specified.
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
Static characteristics
Resolution with no missing codes AVCC = DVCC = 2.7 V to 5.5 V
12
Bits
INL
Integral non-linearity
(end point method)
AVCC = DVCC = 3.3 V
-1.2
±0.4
+1.2
LSB
AVCC = DVCC = 5 V
-1.2
±0.4
+1.2
DNL
Differential non-linearity
AVCC = DVCC = 3.3 V
-0.9
±0.4
+0.9
AVCC = DVCC = 5 V
-0.9
±0.4
+0.9
VOFF
Offset error
AVCC = DVCC = 3.3 V
-2
±0.3
+2
AVCC = DVCC = 5 V
-2
±0.3
+2
OEM
Offset error match
AVCC = DVCC = 3.3 V
-1.5
0
+1.5
AVCC = DVCC = 5 V
-1.5
0
+1.5
FSE
Full scale error
AVCC = DVCC = 3.3 V
-2
±0.4
+2
AVCC = DVCC = 5 V
-2
±0.4
+2
FSEM
Full scale error match
AVCC = DVCC = 3.3 V
-1.5
0
+1.5
AVCC = DVCC = 5 V
-1.5
0
+1.5
Dynamic characteristics
SINAD
Signal-to-noise plus distortion
ratio (0 to Fs/2)
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 3.3 V
69.2
73
dB
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 5 V
69.2
73
SNR
Signal-to-noise ratio (0 to Fs/2)
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 3.3 V
71
73
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 5 V
71
73
THD
Total harmonic distortion
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 3.3 V
-88
-74
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 5 V
-88
-74
SFDR
Spurious-free dynamic range
(0 to Fs/2)
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 3.3 V
75
88
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 5 V
75
89
ENOB
Effective number of bits
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 3.3 V
11.2
11.8
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 5 V
11.2
11.8
ISO
Channel-to-channel isolation
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 3.3 V
90
dB
FIN = 1.03 kHz, −0.02 dBFS
AVCC = DVCC = 5 V
90
IM2
2nd order intermodulation
FIN = 19.5 / 20.5 kHz, -0.02 dBFS
AVCC = DVCC = 3.3 V
-99
dB
FIN = 19.5 / 20.5 kHz, -0.02 dBFS
AVCC = DVCC = 5 V
-99
ADC1283
Electrical characteristics
DS13932 - Rev 1
page 4/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com