Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1283 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ADC1283
Description  8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC1283 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ADC1283 Datasheet HTML 11Page - STMicroelectronics ADC1283 Datasheet HTML 12Page - STMicroelectronics ADC1283 Datasheet HTML 13Page - STMicroelectronics ADC1283 Datasheet HTML 14Page - STMicroelectronics ADC1283 Datasheet HTML 15Page - STMicroelectronics ADC1283 Datasheet HTML 16Page - STMicroelectronics ADC1283 Datasheet HTML 17Page - STMicroelectronics ADC1283 Datasheet HTML 18Page - STMicroelectronics ADC1283 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
7
Application information
7.1
Functional description of the ADC1283
The ADC1283 implements a successive-approximation-register (SAR) structure to perform the conversion of
analog signals into 12-bit pure binary digital outputs. As shown in the block diagram in Figure 37, it is made
of capacitive Track and Hold, SAR ADC and control logic. The conversion circuit includes a fast settling time
comparator to convey instruction into the register to store digital 0 or 1, and a redistribution DAC with logic control
to have the ADC compare the track signal with a reference signal at each clock cycle.
The conversion is carried out in two phases. The sampling phase conveys the input signal through the
capacitance array for the first 3 clock-cycles and the evaluation phase performs the conversion into digital 12-bit
signal within 13 clock cycles. At each clock cycle of the evaluation phase, the hold signal is compared with a
new value distributed by the DAC and the result is stored in the 12-bit register, MSB first. 13 clock cycles are
necessary for this second step. So, a full conversion requires 16 clock cycles to generate a new 12-bit word on
the DOUT pin.
Figure 37. Functional block diagram
7.2
Analog inputs
The inputs are single-ended and referenced from AVCC to AGND, since AVCC behaves as internal reference
(refer to Table 1. Pin description). The dynamic range is AVCC and the LSB (Least Significant Bit) is:
LSB=AVCC212
(1)
The capacitance seen on the input varies depending on conversion step. During the sampling phase, a 33 pF is
seen from the input, thus care must be taken to the front-end driver to support this load.
The schematic below shows the equivalent input circuit.
Figure 38. Equivalent input circuit
To avoid aliasing of the input signals toward unwanted frequencies, it is recommended to insert a low-pass filter
whose value is fixed depending on inputs frequency and sampling rate.
ADC1283
Application information
DS13932 - Rev 1
page 15/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com