Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1283 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ADC1283
Description  8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC1283 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ADC1283 Datasheet HTML 16Page - STMicroelectronics ADC1283 Datasheet HTML 17Page - STMicroelectronics ADC1283 Datasheet HTML 18Page - STMicroelectronics ADC1283 Datasheet HTML 19Page - STMicroelectronics ADC1283 Datasheet HTML 20Page - STMicroelectronics ADC1283 Datasheet HTML 21Page - STMicroelectronics ADC1283 Datasheet HTML 22Page - STMicroelectronics ADC1283 Datasheet HTML 23Page - STMicroelectronics ADC1283 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 2
Figure 3.
Operational timing diagram ........................................................... 7
Figure 4.
Serial timing diagram................................................................ 7
Figure 5.
SCLK and CS timing parameters ....................................................... 7
Figure 6.
DNL vs. output codes (AVCC = DVCC = 3 V) ............................................... 8
Figure 7.
DNL vs. output codes (AVCC = DVCC = 5 V) ............................................... 8
Figure 8.
INL vs. output codes (AVCC = DVCC = 3 V) ................................................ 8
Figure 9.
INL vs. output codes (AVCC = DVCC = 5 V) ................................................ 8
Figure 10.
+/- DNL vs. AVCC = DVCC ........................................................... 8
Figure 11.
+/- INL vs. AVCC = DVCC ............................................................ 8
Figure 12.
SNR vs. AVCC = DVCC.............................................................. 9
Figure 13.
THD vs. AVCC = DVCC .............................................................. 9
Figure 14.
ENOB vs. AVCC = DVCC ............................................................ 9
Figure 15.
+/- DNL vs. DVCC with AVCC = 5 V ..................................................... 9
Figure 16.
+/- INL vs. DVCC with AVCC = 5 V ...................................................... 9
Figure 17.
+/- DNL vs. SCLK duty cycle .......................................................... 9
Figure 18.
+/- INL vs. SCLK duty cycle .......................................................... 10
Figure 19.
SNR vs. SCLK duty cycle............................................................ 10
Figure 20.
THD vs. SCLK duty cycle ............................................................ 10
Figure 21.
ENOB vs. SCLK duty cycle .......................................................... 10
Figure 22.
+/- DNL vs. SCLK ................................................................. 10
Figure 23.
+/- INL vs. SCLK.................................................................. 10
Figure 24.
SNR vs. SCLK ................................................................... 11
Figure 25.
THD vs. SCLK ................................................................... 11
Figure 26.
ENOB vs. SCLK .................................................................. 11
Figure 27.
+/- DNL vs. temperature............................................................. 11
Figure 28.
+/- INL vs. temperature ............................................................. 11
Figure 29.
SNR vs. temperature ............................................................... 11
Figure 30.
THD vs. temperature ............................................................... 12
Figure 31.
ENOB vs. temperature.............................................................. 12
Figure 32.
SNR vs. Fin ..................................................................... 12
Figure 33.
THD vs. Fin ..................................................................... 12
Figure 34.
ENOB vs. Fin .................................................................... 12
Figure 35.
Power dissipation (mW) vs. SCLK ...................................................... 12
Figure 36.
Power dissipation (mW) vs. temperature ................................................. 13
Figure 37.
Functional block diagram ............................................................ 15
Figure 38.
Equivalent input circuit.............................................................. 15
Figure 39.
TSSOP-16 package outline .......................................................... 17
ADC1283
List of figures
DS13932 - Rev 1
page 23/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com