Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1283 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ADC1283
Description  8 multiplexed channels, 50 ksps to 200 ksps, 12-bit SAR ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC1283 Datasheet(HTML) 5 Page - STMicroelectronics

  ADC1283 Datasheet HTML 1Page - STMicroelectronics ADC1283 Datasheet HTML 2Page - STMicroelectronics ADC1283 Datasheet HTML 3Page - STMicroelectronics ADC1283 Datasheet HTML 4Page - STMicroelectronics ADC1283 Datasheet HTML 5Page - STMicroelectronics ADC1283 Datasheet HTML 6Page - STMicroelectronics ADC1283 Datasheet HTML 7Page - STMicroelectronics ADC1283 Datasheet HTML 8Page - STMicroelectronics ADC1283 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
IM3
3rd order intermodulation
FIN = 19.5 / 20.5 kHz, -0.02 dBFS
AVCC = DVCC = 3.3 V
-87
dB
FIN = 19.5 / 20.5 kHz, -0.02 dBFS
AVCC =ˆDVCC = 5 V
-88
Analog input characteristics (AVCC = 2.7 V to 5.5 V)
IDCL
DC leakage current
-1
0.01
+1
µA
CINA
Input capacitance
Track mode
33
pF
Hold mode
4.5
pF
Digital input characteristics
VIH
Input high voltage
DVCC = 2.7 V to 5.5 V
0.7xDVCC
V
VIL
Input low voltage
DVCC = 2.7 V to 5.5 V
0.3xDVCC
VOH (1)
Output high voltage
DVCC = 3.3 V, Isource = -1 mA
DVCC-0.5 V
V
DVCC = 5 V, Isource = -1 mA
DVCC-0.5 V
VOL (1)
Output low voltage
DVCC = 3.3 V, Isink = 1 mA
0.4
DVCC = 5 V, Isink = 1 mA
0.4
IIN
Digital input current
VIN = 0 V or DVCC
-1
0.01
1
µA
CIND
Digital input capacitance
DVCC = 2.7 V to 5.5 V
3.5
pF
IOZH, IOZL
Hi-impedance output leakage
current
-1
0.02
1
µA
COUT
Hi-impedance output capacitance
3.5
pF
Power supply characteristic
IAVCC +
IDVCC
Total supply current, normal
mode (CS low)
AVCC = DVCC = 2.7 V to 5.5 V,
fS = 200 kSPS, FIN = 40 kHz
0.64
0.8
mA
Total supply current, shutdown
mode (CS high)
AVCC = DVCC = 2.7 V to 5.5 V,
fS = 0, -40 °C < T < 85 °C
0.02
2
µA
AVCC = DVCC = 2.7 V to 5.5 V,
fS = 0, 85 °C < T < 125 °C
10
AC characteristics (AVCC = DVCC = 2.7 V to 5.5 V)
fS
Sample rate
50
200
ksps
tCONVERT Conversion (Hold) time
13
SCLK
cycles
DC
SCLK duty cycle
40
60
%
tACQ
Acquisition (Track) time cycles
See Figure 4
3
SCLK
cycles
Throughput time
Acquisition time + Conversion time
16
SCLK
cycles
tAD
Aperture delay
4
ns
Timing specifications (AVCC = 2.7 V to 5.5 V) (1)(2)
tCSH
CS hold time after SCLK rising
edge
10
0
ns
tCSS
CS set-up time prior SCLK rising
edge
10
4.5
ns
tEN
CS falling edge to DOUT enabled
6
30
ns
ADC1283
Electrical characteristics
DS13932 - Rev 1
page 5/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com