Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4098BMS Datasheet (PDF) - Renesas Technology Corp

CD4098BMS Datasheet PDF - Renesas Technology Corp
Part # CD4098BMS
Download  CD4098BMS Download
File Size   410.74 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Dual Monostable Multivibrator

CD4098BMS Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4098BMS Datasheet PDF - Renesas Technology Corp

Part # CD4098BMS
Download  CD4098BMS Click to download

File Size   410.74 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Dual Monostable Multivibrator

CD4098BMS Datasheet (HTML) - Renesas Technology Corp


CD4098BMS Product details

Features
• High Voltage Type (20V Rating)
• Retriggerable/Resettable Capability
• Trigger and Reset Propagation Delays Independent of
RX, CX
• Triggering from Leading or Trailing Edge
• Q and Q Buffered Outputs Available
• Separate Resets
• Wide Range of Output Pulse Widths
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
• Maximum Input Current of 1A at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”

Description
CD4098BMS dual monostable multivibrator provides stable
retriggerable/resettable one shot operation for any fixed voltage timing application.
An external resistor (RX) and an external capacitor (CX)
control the timing for the circuit. Adjustment of RX and CX
provides a wide range of output pulse widths from the Q and
Q terminals. The time delay from trigger input to output
transition (trigger propagation delay) and the time delay from
reset input to output transition (reset propagation delay) are
independent of RX and CX.
Leading edge triggering (+TR) and trailing edge triggering
(-TR) inputs are provided for triggering from either edge of
an input pulse. An unused +TR input should be tied to VSS.
An unused -TR input should be tied to VDD. A RESET (on
low level) is provided for immediate termination of the output
pulse or to prevent output pulses when power is turned on.
An unused RESET input should be tied to VDD. However, if
an entire section of the CD4098BMS is not used, its RESET
should be tied to VSS. See Table 9.
In normal operation the circuit triggers (extends the output
pulse one period) on the application of each new trigger
pulse. For operation in the non-retriggerable mode, Q is
connected to -TR when leading edge triggering (+TR) is
used or Q is connected to +TR when trailing edge triggering
(-TR) is used.
The time period (T) for this multivibrator can be
approximated by: TX = 1/2RXCX for CX 3 0.01F. Time
periods as a function of RX for values of CX and VDD are
given in Figure 8. Values of T vary from unit to unit and as a
function of voltage, temperature, and RXCX.
The minimum value of external resistance, RX, is 5k. The
maximum value of external capacitance, CX, is 100F.
Figure 9 shows time periods as a function of CX for values of
RX and VDD.
The output pulse width has variations of 2.5% typically,
over the temperature range of -55oC to +125oC for CX =
1000pF and RX = 100k.
For power supply variations of 5%, the output pulse width
has variations of 0.5% typically, for VDD = 10V and 15V
and 1% typically, for VDD = 5V at CX = 1000pF and
RX = 5k.
The CD4098BMS is supplied in these 16-lead outline packages:
Braze Seal DIP H4T
Frit Seal DIP H1F
Ceramic Flatpack H6W




Similar Part No. - CD4098BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4098BMS INTERSIL-CD4098BMS Datasheet
105Kb / 11P
CMOS Dual Monostable Multivibrator
December 1992
More results


Similar Description - CD4098BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD14538B TI-CD14538B Datasheet
341Kb / 8P
CMOS Dual Precision Monostable Multivibrator
logo
Intersil Corporation
CD14538BMS INTERSIL-CD14538BMS Datasheet
76Kb / 9P
CMOS Dual Precision Monostable Multivibrator
November 1994
CD4098BMS INTERSIL-CD4098BMS Datasheet
105Kb / 11P
CMOS Dual Monostable Multivibrator
December 1992
logo
Texas Instruments
CD14538 TI-CD14538 Datasheet
638Kb / 14P
CMOS DUAL PRECISION MONOSTABLE MULTIVIBRATOR
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
DUAL MONOSTABLE MULTIVIBRATOR
logo
Texas Instruments
CD14538BM96G4 TI1-CD14538BM96G4 Datasheet
1Mb / 20P
CMOS Dual Precision Monostable Multivibrator
CD4098B TI1-CD4098B_15 Datasheet
948Kb / 16P
CMOS Dual Monostable Multivibrator
CD14538B TI1-CD14538B Datasheet
1Mb / 19P
CMOS Dual Precision Monostable Multivibrator
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
Dual monostable multivibrator
logo
Renesas Technology Corp
CD14538BMS RENESAS-CD14538BMS Datasheet
577Kb / 10P
CMOS Dual Precision Monostable Multivibrator
November 1994
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com