Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4098BMS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CD4098BMS
Description  CMOS Dual Monostable Multivibrator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4098BMS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button CD4098BMS Datasheet HTML 3Page - Renesas Technology Corp CD4098BMS Datasheet HTML 4Page - Renesas Technology Corp CD4098BMS Datasheet HTML 5Page - Renesas Technology Corp CD4098BMS Datasheet HTML 6Page - Renesas Technology Corp CD4098BMS Datasheet HTML 7Page - Renesas Technology Corp CD4098BMS Datasheet HTML 8Page - Renesas Technology Corp CD4098BMS Datasheet HTML 9Page - Renesas Technology Corp CD4098BMS Datasheet HTML 10Page - Renesas Technology Corp CD4098BMS Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FN3332 Rev 0.00
Page 7 of 11
December 1992
CD4098BMS
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1999. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
 -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1
Note 1
6, 7, 9, 10
1-5, 8, 11-15
16
Static Burn-In 2
Note 1
6, 7, 9, 10
1, 8, 15
2-5, 11-14, 16
Dynamic Burn-
In Note 1
-
1, 4, 8, 12, 15
2, 14, 16
6, 7, 9, 10
5, 11
3, 13
Irradiation
Note 2
2, 6, 7, 9, 10, 14
1, 8, 15
3-5, 11-13, 16
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
 5%, VDD = 18V  0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD
= 10V
 0.5V
TABLE 9. FUNCTIONAL TERMINAL CONNECTIONS
FUNCTION
VDD TO
TERM. NO.
VSS TO
TERM. NO.
INPUT PULSE TO
TERM. NO.
OTHER
CONNECTIONS
MONO 1
MONO 2
MONO 1
MONO 2
MONO 1
MONO 2
MONO 1
MONO 2
Leading Edge Trigger/
Retriggerable
3, 5
11, 13
4
12
Leading Edge Trigger/
Non-Retriggerable
3
13
4
12
5-7
11-9
Trailing Edge Trigger/
Retriggerable
313412511
Trailing Edge Trigger/
Non-Retriggerable
3
13
5
11
4-6
12-10
Unused Section
5
11
3, 4
12, 13
NOTES:
1. A retriggerable one-shot multivibrator has an output pulse width which is extended one full time period (TX) after application of the last
trigger pulse. The minimum time between retriggering edges (or trigger and retrigger edges) is 40% of (TX).
2. A non-retriggerable one-shot multivibrator has a time period TX referenced from the application of the first trigger pulse.
TX
TX
INPUT PULSE TRAIN
RETRIGGERABLE MODE
PULSE WIDTH (+TR MODE)
NON-RETRIGGERABLE MODE
PULSE WIDTH (-TR MODE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com