Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4098BMS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CD4098BMS
Description  CMOS Dual Monostable Multivibrator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4098BMS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button CD4098BMS Datasheet HTML 3Page - Renesas Technology Corp CD4098BMS Datasheet HTML 4Page - Renesas Technology Corp CD4098BMS Datasheet HTML 5Page - Renesas Technology Corp CD4098BMS Datasheet HTML 6Page - Renesas Technology Corp CD4098BMS Datasheet HTML 7Page - Renesas Technology Corp CD4098BMS Datasheet HTML 8Page - Renesas Technology Corp CD4098BMS Datasheet HTML 9Page - Renesas Technology Corp CD4098BMS Datasheet HTML 10Page - Renesas Technology Corp CD4098BMS Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CD4098BMS
FN3332 Rev 0.00
Page 9 of 11
December 1992
FIGURE 4. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. TYPICAL PROPAGATION DELAY TIME vs LOAD CA-
PACITANCE, TRIGGER INTO Q OUT (ALL VALUES
OF CX AND RX).
FIGURE 7. TRANSITION TIME vs LOAD CAPACITANCE FOR
RX = 5k
-10000k AND CX = 15pF-10000pF
FIGURE 8. TYPICAL EXTERNAL RESISTANCE vs PULSE
WIDTH
FIGURE 9. TYPICAL EXTERNAL CAPACITANCE vs PULSE
WIDTH
Typical Performance Characteristics (Continued)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
LOAD CAPACITANCE (CL) (pF)
0
100
SUPPLY VOLTAGE (VDD) = 15V
AMBIENT TEMPERATURE (TA) = +25oC
10V
20
40
60
80
100
120
140
15V
200
300
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) (pF)
0
40
6080100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
5V
AMBIENT TEMPERATURE (TA) = +25oC
103
2
4
6
8
104
2
4
6
8
105
2
4
6
8
106
2
4
6
8
10-1
24 6 8
1
24 6 8
102
24 6 8
103
24 6 8
104
24 68
105
24 6 8
10
24 6 8
106
PULSE WIDTH (PW) (
s)
CX = 0.01
F
CX = 0.1
F
CX = 15pF
CX = 100pF
CX = 1000pF
107
VDD = 3V
= 5V
= 10V, 15V, 18V
VDD = 5V, 10V, 15V, 18V
VDD = 3V, 5V
AMBIENT TEMPERATURE (TA) = +25oC
10
102
103
104
10-1
1102
103
104
105
10
106
PULSE WIDTH (PW) (
s)
105
VDD = 3V
= 5V
= 10V, 15V, 18V
RX = 100K
RX = 10M
RX =1M
106
107
RX = 10K
RX = 5K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com