Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4098BMS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # CD4098BMS
Description  CMOS Dual Monostable Multivibrator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4098BMS Datasheet(HTML) 5 Page - Renesas Technology Corp

  CD4098BMS Datasheet HTML 1Page - Renesas Technology Corp CD4098BMS Datasheet HTML 2Page - Renesas Technology Corp CD4098BMS Datasheet HTML 3Page - Renesas Technology Corp CD4098BMS Datasheet HTML 4Page - Renesas Technology Corp CD4098BMS Datasheet HTML 5Page - Renesas Technology Corp CD4098BMS Datasheet HTML 6Page - Renesas Technology Corp CD4098BMS Datasheet HTML 7Page - Renesas Technology Corp CD4098BMS Datasheet HTML 8Page - Renesas Technology Corp CD4098BMS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CD4098BMS
FN3332 Rev 0.00
Page 5 of 11
December 1992
Propagation Delay
+TR, -TR to Q, Q
CX
 15pF
TPHL1
TPLH1
VDD = 10V
1, 2, 3, 4
+25oC
-
250
ns
VDD = 15V
1, 2, 3, 4
+25oC
-
200
ns
Propagation Delay
Reset CX
 15pF
TPHL2
TPLH2
VDD = 5V
1, 2, 3
+25oC
-
450
ns
VDD = 10V
1, 2, 3, 4
+25oC
-
250
ns
VDD = 15V
1, 2, 3,4
+25oC
-
150
ns
Transition Time
CX = 15pF to 10,000pF
TTHL1
VDD = 10V
1, 2, 3, 4
+25oC
-
100
ns
VDD = 15V
1, 2, 3, 4
+25oC
-
80
ns
Transition Time
CX = 0.01
F to 0.1F
TTLH2
TTHL2
VDD = 5V
1, 2, 3
+25oC
-
300
ns
VDD = 10V
1, 2, 3, 5
+25oC
-
150
ns
VDD = 15V
1, 2, 3, 5
+25oC
-
130
ns
Transition Time
CX = 0.1
F to 1F
TTHL3
VDD = 5V
1, 2, 3
+25oC
-
500
ns
VDD = 10V
1, 2, 3, 4
+25oC
-
300
ns
VDD = 15V
1, 2, 3, 4
+25oC
-
160
ns
Transition Time
CX
 15pF
TTLH1
VDD = 10V
1, 2, 3, 4
+25oC
-
100
ns
VDD = 15V
1, 2, 3, 4
+25oC
-
80
ns
Minimum Reset Pulse
Width, CX = 15pF
TW
VDD = 5V
1, 2, 3, 5
+25oC
-
200
ns
VDD = 10V
1, 2, 3, 5
+25oC
-
80
ns
VDD = 15V
1, 2, 3, 5
+25oC
-
60
ns
Minimum Reset Pulse
Width, CX = 1000pF
TW
VDD = 5V
1, 2, 3, 5
+25oC
-
1200
ns
VDD = 10V
1, 2, 3, 5
+25oC
-
600
ns
VDD = 15V
1, 2, 3,5
+25oC
-
500
ns
Minimum Reset Pulse
Width, CX = 0.1
F
TW
VDD = 5V
1, 2, 3, 5
+25oC-
50
s
VDD = 10V
1, 2, 3, 5
+25oC-
30
s
VDD = 15V
1, 2, 3, 5
+25oC-
20
s
Pulse Width Match Be-
tween Circuits in Same
Package
TW
VDD = 5V
1, 2, 3, 6
+25oC-
10
%
VDD = 10V
1, 2, 3, 6
+25oC-
15
%
VDD = 15V
1, 2, 3, 6
+25oC-
15
%
Trigger Rise or Fall Time
TRTR
TFTR
VDD = 5V to 15V
1, 2
+25oC
-
100
s
Input Capacitance
CIN
Any Inputs
1, 2
+25oC-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on
initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, inputs tR, tF < 20ns.
4. RX = 5K to 10M
.
5. RX = 100k
6. RX = 10k
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
7.5
A
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
A
1, 4
+25oC
-2.8
-0.2
V
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com