Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79RC32351 Datasheet (PDF) - Renesas Technology Corp

79RC32351 Datasheet PDF - Renesas Technology Corp
Part # 79RC32351
Download  79RC32351 Download
File Size   1071.5 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor

79RC32351 Datasheet (PDF)

Go To PDF Page Download Datasheet
79RC32351 Datasheet PDF - Renesas Technology Corp

Part # 79RC32351
Download  79RC32351 Click to download

File Size   1071.5 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor

79RC32351 Datasheet (HTML) - Renesas Technology Corp


79RC32351 Product details

Features List
◆ RC32300 32-bit Microprocessor
– Enhanced MIPS-II ISA
– Enhanced MIPS-IV cache prefetch instruction
– DSP Instructions
– MMU with 16-entry TLB
– 8kB Instruction cache, 2-way set associative
– 2kB Data cache, 2-way set associative
– Per line cache locking
– Write-through and write-back cache management
– Debug interface through the EJTAG port
– Big or little endian support
◆ Interrupt Controller
– Allows status of each interrupt to be read and masked
◆ UARTs
– Two 16550 Compatible UARTs
– Baud rate support up to 1.5 Mb/s
◆ Counter/Timers
– Three general purpose 32-bit counter/timers
◆ General Purpose I/O Pins (GPIOP)
– 32 individually programmable pins:
each pin programmable as input, output, or alternate function,
input can be an interrupt or NMI source,
input can also be active high or active low
– 4 additional, auxiliary GPIO pins can be configured as input or output
◆ SDRAM Controller
– 2 memory banks, non-interleaved, 512 MB total
– 32-bit wide data path
– Supports 4-bit, 8-bit, and 16-bit wide SDRAM chips
– SODIMM support
– Stays on page between transfers
– Automatic refresh generation
◆ Peripheral Device Controller
– 26-bit address bus
– 32-bit data bus with variable width support of 8-,16-, or 32-bits
– 8-bit boot ROM support
– 6 banks available, up to 64MB per bank
– Supports Flash ROM, PROM, SRAM, dual-port memory, and
peripheral devices
– Supports external wait-state generation, Intel or Motorola style
– Write protect capability
– Direct control of optional external data transceivers
◆ System Integrity
– Programmable system watchdog timer resets system on timeout
– Programmable bus transaction times memory and peripheral
transactions and generates a warm reset on time-out
◆ DMA
– 14 DMA channels
– Services on-chip and external peripherals
– Supports memory-to-memory, memory-to-I/O, and I/O-to-I/O
transfers
– Supports flexible descriptor based operation and chaining via
linked lists of records (scatter / gather capability)
– Supports unaligned transfers




Similar Part No. - 79RC32351

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC32351 IDT-79RC32351 Datasheet
864Kb / 42P
IDT Interprise Integrated Communications Processor
79RC32351-100DH IDT-79RC32351-100DH Datasheet
864Kb / 42P
IDT Interprise Integrated Communications Processor
79RC32351-133DH IDT-79RC32351-133DH Datasheet
864Kb / 42P
IDT Interprise Integrated Communications Processor
More results


Similar Description - 79RC32351

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC32438 IDT-IDT79RC32438 Datasheet
644Kb / 59P
IDTTM InterpriseTM Integrated Communications Processor
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
IDTTM InterpriseTM Integrated Communications Processor
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com