Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79RC32334 Datasheet (PDF) - Renesas Technology Corp

79RC32334 Datasheet PDF - Renesas Technology Corp
Part # 79RC32334
Download  79RC32334 Download
File Size   939.17 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor

79RC32334 Datasheet (PDF)

Go To PDF Page Download Datasheet
79RC32334 Datasheet PDF - Renesas Technology Corp

Part # 79RC32334
Download  79RC32334 Click to download

File Size   939.17 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor

79RC32334 Datasheet (HTML) - Renesas Technology Corp


79RC32334 Product details

Features
◆ RC32300 32-bit Microprocessor
– Up to 150 MHz operation
– Enhanced MIPS-II Instruction Set Architecture (ISA)
– Cache prefetch instruction
– Conditional move instruction
– DSP instructions
– Supports big or little endian operation
– MMU with 32 page TLB
– 8kB Instruction Cache, 2-way set associative
– 2kB Data Cache, 2-way set associative
– Cache locking per line
– Programmable on a page basis to implement a write-through
no write allocate, write-through write allocate, or write-back
algorithms for cache management
– Compatible with a wide variety of operating systems
◆ Local Bus Interface
– Up to 75 MHz operation
– 26-bit address bus
– 32-bit data bus
– Direct control of local memory and peripherals
– Programmable system watch-dog timers
– Big or little endian support
◆ Interrupt Controller simplifies exception management
◆ Four general purpose 32-bit timer/counters




Similar Part No. - 79RC32334

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC32334 IDT-79RC32334 Datasheet
744Kb / 30P
IDT Interprise Integrated Communications Processor
79RC32334-100BB IDT-79RC32334-100BB Datasheet
744Kb / 30P
IDT Interprise Integrated Communications Processor
79RC32334-100BBG IDT-79RC32334-100BBG Datasheet
744Kb / 30P
IDT Interprise Integrated Communications Processor
79RC32334-100BBGI IDT-79RC32334-100BBGI Datasheet
744Kb / 30P
IDT Interprise Integrated Communications Processor
79RC32334-100BBI IDT-79RC32334-100BBI Datasheet
744Kb / 30P
IDT Interprise Integrated Communications Processor
More results


Similar Description - 79RC32334

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC32438 IDT-IDT79RC32438 Datasheet
644Kb / 59P
IDTTM InterpriseTM Integrated Communications Processor
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
IDTTM InterpriseTM Integrated Communications Processor
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com