Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79RC32435 Datasheet (PDF) - Renesas Technology Corp

79RC32435 Datasheet PDF - Renesas Technology Corp
Part # 79RC32435
Download  79RC32435 Download
File Size   1042.13 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor

79RC32435 Datasheet (PDF)

Go To PDF Page Download Datasheet
79RC32435 Datasheet PDF - Renesas Technology Corp

Part # 79RC32435
Download  79RC32435 Click to download

File Size   1042.13 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor

79RC32435 Datasheet (HTML) - Renesas Technology Corp


79RC32435 Product details

Device Overview
The 79RC32435 is a member of the IDT™ Interprise™ family of PCI
integrated communications processors. It incorporates a high performance
CPU core and a number of on-chip peripherals. The integrated
processor is designed to transfer information from I/O modules to main
memory with minimal CPU intervention, using a highly sophisticated
direct memory access (DMA) engine. All data transfers through the
RC32435 are achieved by writing data from an on-chip I/O peripheral to
main memory and then out to another I/O module.
Features
 32-bit CPU Core
– MIPS32 instruction set
– Cache Sizes: 8KB instruction and data caches, 4-Way set
associative, cache line locking, non-blocking prefetches
– 16 dual-entry JTLB with variable page sizes
– 3-entry instruction TLB
– 3-entry data TLB
– Max issue rate of one 32x16 multiply per clock
– Max issue rate of one 32x32 multiply every other clock
– CPU control with start, stop, and single stepping
– Software breakpoints support
– Hardware breakpoints on virtual addresses
– ICE Interface that is compatible with v2.5 of the EJTAG Specification
 PCI Interface
– 32-bit PCI revision 2.2 compliant
– Supports host or satellite operation in both master and target
modes
– Support for synchronous and asynchronous operation
– PCI clock supports frequencies from 16 MHz to 66 MHz
– PCI arbiter in Host mode: supports 6 external masters, fixed
priority or round robin arbitration
– I2O “like” PCI Messaging Unit
 Ethernet Interface
– 10 and 100 Mb/s ISO/IEC 8802-3:1996 compliant
– Supports MII or RMII PHY interface
– Supports 64 entry hash table based multicast address filtering
– 512 byte transmit and receive FIFOs
– Supports flow control functions outlined in IEEE Std. 802.3x-
1997
 DDR Memory Controller
– Supports up to 256MB of DDR SDRAM
– 1 chip select supporting 4 internal DDR banks
– Supports a 16-bit wide data port using x8 or x16 bit wide DDR
SDRAM devices
– Supports 64 Mb, 128 Mb, 256 Mb, 512 Mb, and 1Gb DDR
SDRAM devices
– Data bus multiplexing support allows interfacing to standard
DDR DIMMs and SODIMMs
– Automatic refresh generation




Similar Part No. - 79RC32435

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
IDTTM InterpriseTM Integrated Communications Processor
More results


Similar Description - 79RC32435

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC32438 IDT-IDT79RC32438 Datasheet
644Kb / 59P
IDTTM InterpriseTM Integrated Communications Processor
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
IDTTM InterpriseTM Integrated Communications Processor
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32438 RENESAS-79RC32438 Datasheet
1Mb / 60P
IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com