Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79RC32438 Datasheet (PDF) - Renesas Technology Corp

79RC32438 Datasheet PDF - Renesas Technology Corp
Part # 79RC32438
Download  79RC32438 Download
File Size   1365.24 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor

79RC32438 Datasheet (PDF)

Go To PDF Page Download Datasheet
79RC32438 Datasheet PDF - Renesas Technology Corp

Part # 79RC32438
Download  79RC32438 Click to download

File Size   1365.24 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description IDTTM InterpriseTM Integrated Communications Processor

79RC32438 Datasheet (HTML) - Renesas Technology Corp


79RC32438 Product details

Features
◆ 32-bit CPU Core
– MIPS32 instruction set
– Cache Sizes: 16KB instruction and data caches, 4-Way set
associative, cache line locking, non-blocking prefetches
– 16 dual-entry JTLB with variable page sizes
– 3-entry instruction TLB
– 3-entry data TLB
– Max issue rate of one 32x16 multiply per clock
– Max issue rate of one 32x32 multiply every other clock
– CPU control with start, stop and single stepping
– Software breakpoints support
– Hardware breakpoints on virtual addresses
– Enhanced JTAG and ICE Interface that is compatible with v2.5
of the EJTAG Specification
◆ DDR Memory Controller
– Supports up to 2GB of DDR SDRAM
– 2 chip selects (each chip select supports 4 internal DDR
banks)
– Supports 16-bit or 32-bit data bus width using 8, 16, or 32-bit
devices
– Supports 64Mb, 128Mb, 256Mb, 512Mb, and 1Gb DDR
SDRAM devices
– Data bus multiplexing support allows interfacing to standard
DDR DIMMs and SODIMMs
– Automatic refresh generation
◆ Memory and Peripheral Device Controller
– Provides “glueless” interface to standard SRAM, Flash, ROM,
dual-port memory, and peripheral devices
– Demultiplexed address and data buses: 16-bit data bus, 26-bit
address bus, 6 chip selects, supports alternate bus masters,
control for external data bus buffers
– Supports 8-bit and 16-bit width devices
Automatic byte gathering and scattering
– Flexible protocol configuration parameters: programmable
number of wait states (0 to 63), programmable postread/postwrite
delay (0 to 31), supports external wait state generation,
supports Intel and Motorola style peripherals
– Write protect capability per chip select
– Programmable bus transaction timer generates warm reset
when counter expires
– Supports up to 64 MB of memory per chip select
◆ Counter/Timers
– Three general purpose 32-bit counter timers
◆ PCI Interface
– 32-bit PCI revision 2.2 compliant (3.3V only)
– Supports host or satellite operation in both master and target
modes
– Support for synchronous and asynchronous operation
– PCI clock supports frequencies from 16 MHz to 66 MHz
– PCI arbiter in Host mode: supports 6 external masters, fixed
priority or round robin arbitration
– I2O “like” PCI Messaging Unit




Similar Part No. - 79RC32438

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC32438 IDT-79RC32438 Datasheet
644Kb / 59P
IDTTM InterpriseTM Integrated Communications Processor
More results


Similar Description - 79RC32438

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC32438 IDT-IDT79RC32438 Datasheet
644Kb / 59P
IDTTM InterpriseTM Integrated Communications Processor
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
IDTTM InterpriseTM Integrated Communications Processor
79RC32T336-150BCG IDT-79RC32T336-150BCG Datasheet
632Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
79RC32334 RENESAS-79RC32334 Datasheet
939Kb / 31P
IDTTM InterpriseTM Integrated Communications Processor
August 31, 2004
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
RC32434 RENESAS-RC32434 Datasheet
1Mb / 54P
IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com