Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8701I Datasheet (PDF) - Renesas Technology Corp

8701I Datasheet PDF - Renesas Technology Corp
Part # 8701I
Download  8701I Download
File Size   341.61 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, ÷1, ÷2 Clock Generator

8701I Datasheet (PDF)

Go To PDF Page Download Datasheet
8701I Datasheet PDF - Renesas Technology Corp

Part # 8701I
Download  8701I Click to download

File Size   341.61 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, ÷1, ÷2 Clock Generator

8701I Datasheet (HTML) - Renesas Technology Corp


8701I Product details

FEATURES
• Twenty LVCMOS outputs, 7Ω typical output impedance
• LVCMOS / LVTTL clock input
• Maximum input frequency: 250MHz
• Bank enable logic allows unused banks to be disabled
in reduced fanout applications
• Bank skew: 200ps
• Output skew: 250ps
• Multiple frequency skew: 300ps
• Part-to-part skew: 600ps
• 3.3V or mixed 3.3V input, 2.5V output operating supply
• -40°C to 85°C ambient operating temperature
• Other divide values available on request
• Available in lead-free RoHS compliant package




Similar Part No. - 8701I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8701 ETC2-8701 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Renesas Technology Corp
8701 RENESAS-8701 Datasheet
373Kb / 14P
Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
2019
logo
Christian Bürkert GmbH ...
8701 BURKERT-8701 Datasheet
1Mb / 14P
Mass Flow Meter for Gases (MFM)
26.03.2021
logo
Keystone Electronics Co...
8701 KEYSTONE-8701 Datasheet
389Kb / 1P
PANEL SCREWS
31-07 20th
logo
Molex Electronics Ltd.
8701031 MOLEX1-8701031 Datasheet
123Kb / 3P
SPOX??Crimp Terminal 5194, 18-24 AWG, Brass, Reel
More results


Similar Description - 8701I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
74FCT38072S RENESAS-74FCT38072S Datasheet
534Kb / 9P
Low Skew 1 to 2 Clock Buffer
FEBRUARY 3, 2023
8535-21 RENESAS-8535-21 Datasheet
587Kb / 16P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
December 8, 2015
8737-11 RENESAS-8737-11 Datasheet
425Kb / 18P
Low Skew, ÷1/÷2 Differential-to-3.3V LVPECL Clock Generator
2/13/15
8737I-11 RENESAS-8737I-11 Datasheet
550Kb / 16P
Low Skew ÷1/÷2 Differential-to- 3.3V LVPECL Clock Generator
7/16/15
ICS8535I-21 RENESAS-ICS8535I-21 Datasheet
913Kb / 15P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO3.3V LVPECL CLOCK GENERATOR
NOVEMBER 24, 2008
8701 RENESAS-8701 Datasheet
373Kb / 14P
Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
2019
87322BI RENESAS-87322BI Datasheet
429Kb / 17P
Low Skew, ÷1/÷2, 3.3V LVPECL/ECL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com