Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7217 Datasheet (PDF) - Renesas Technology Corp

DA7217 Datasheet PDF - Renesas Technology Corp
Part # DA7217
Download  DA7217 Download
File Size   3255.61 Kbytes
Page   170 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Power Stereo Codec

DA7217 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA7217 Datasheet PDF - Renesas Technology Corp

Part # DA7217
Download  DA7217 Click to download

File Size   3255.61 Kbytes
Page   170 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Power Stereo Codec

DA7217 Datasheet (HTML) - Renesas Technology Corp


DA7217 Product details

General Description
DA7217 is a high-performance, low-power audio codec optimized for use in headsets or wearable
devices. It has differential headphone outputs for use inside headset devices, offering excellent left to
right channel separation and common mode noise rejection. DA7217 also has a stereo DAC to
headphone output path and ultra-low power operating modes to support always-on audio detect
applications.
DA7217 contains two analog microphone input paths, or up to four digital microphone input paths, or
a combination of both. The other chip in this family, the DA7218, has single-ended headphone
outputs, and has been designed with headphone detect for use in accessories.

Key Features
■ High performance stereo DAC to headphone
playback path with 110 dB dynamic range
■ 4 mW stereo playback power consumption
■ DAC digital filters with audio and voice mode
options, five-band equalizer and five
programmable biquad stages
■ Dedicated low-latency digital sideband filter
with three programmable biquad stages
■ High performance microphone to ADC record
path with 105 dB dynamic range
■ 2.5 mW stereo record power consumption
■ ADC digital filters with audio and voice mode
options
■ 500 µW always-on record mode with
automatic level detection
■ Hybrid analog / digital automatic level control
to dynamically control the record level
■ Shutdown mode offering current consumption
during standby of 2.5 µA
■ Two low-noise microphone bias regulators
with programmable output voltage and ultralow power mode
■ A high efficiency two-level, true-ground charge
pump for generating class-G headphone
supplies
■ Voice mode filtering up to 32 kHz
■ Flexible digital mixing from all seven inputs to
all six outputs with independent gain on each
mixer path
■ Ability to run the ADCs at a different sample
rate to the DACs on a single I
2S interface
■ Digital tone generator with built-in support for
DTMF
■ System controller for simplified, pop-free startup and shutdown
■ Phase-locked loop with sample rate tracking
supporting MCLK frequencies from 2 MHz to
54 MHz
■ Automatic tuning of on-chip reference
oscillator for clock-free operation in low-power
modes
■ 4-wire digital audio interface with support for
I
2S, four-channel I
2S, TDM and other audio
formats
■ 2-wire I
2C compatible control interface with
support for High Speed mode up to 3.4 MHz
■ 24-bit data at up to 96 kHz sample rate
■ The headphone amplifier can be run directly
from the supply, thus eliminating the need for
charge pump capacitors




Similar Part No. - DA7217

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7217 DIALOG-DA7217 Datasheet
2Mb / 171P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7217 RENESAS-DA7217 Datasheet
4Mb / 157P
Ultra-Low Power Stereo Codec
Revision 3.7 Aug 9, 2024
logo
Dialog Semiconductor
DA7217-00U32 DIALOG-DA7217-00U32 Datasheet
2Mb / 171P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7217-00U32 RENESAS-DA7217-00U32 Datasheet
4Mb / 157P
Ultra-Low Power Stereo Codec
Revision 3.7 Aug 9, 2024
logo
Dialog Semiconductor
DA7217-00U36 DIALOG-DA7217-00U36 Datasheet
2Mb / 171P
Ultra-Low Power Stereo Codec
More results


Similar Description - DA7217

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
Ultra-low power stereo codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
Ultra-low power stereo codec
DA7217 DIALOG-DA7217 Datasheet
2Mb / 171P
Ultra-Low Power Stereo Codec
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
Ultra-low power stereo codec
23-Dec-2021
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
Ultra-low power stereo codec
23-Dec-2021
DA7212 RENESAS-DA7212 Datasheet
1Mb / 136P
Ultra-Low Power Stereo Codec
05-Jan-2022
DA7218 RENESAS-DA7218 Datasheet
2Mb / 198P
Ultra-Low Power Stereo Codec
24-Dec-2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com