Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7218 Datasheet (PDF) - Renesas Technology Corp

DA7218 Datasheet PDF - Renesas Technology Corp
Part # DA7218
Download  DA7218 Download
File Size   2818.45 Kbytes
Page   198 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Power Stereo Codec

DA7218 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA7218 Datasheet PDF - Renesas Technology Corp

Part # DA7218
Download  DA7218 Click to download

File Size   2818.45 Kbytes
Page   198 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Power Stereo Codec

DA7218 Datasheet (HTML) - Renesas Technology Corp


DA7218 Product details

Key Features
■ High performance stereo DAC to headphone playback path with 110 dB dynamic range
■ 4 mW stereo playback power consumption
■ DAC digital filters with audio and voice mode options, five-band equalizer and five programmable biquad stages
■ Dedicated low-latency digital sideband filter with three programmable biquad stages
■ High performance microphone to ADC record path with a 105 dB dynamic range
■ 2.5 mW stereo record power consumption
■ ADC digital filters with audio and voice mode options
■ 500 μW always-on record mode with automatic level detection
■ Hybrid analog / digital automatic level control to dynamically control the record level
■ Shutdown mode offering current consumption during standby of 2.5 μA
■ Two low-noise microphone bias regulators with programmable output voltage and ultra-low power mode
■ Ability to differentiate between stereo and mono headsets
■ Automatic detection of headset removal and confirmation of headset insertion
■ Flexible digital mixing from all seven inputs to all six outputs with independent gain on each mixer path
■ Ability to run the ADCs at a different sample rate to the DACs on a single I2S interface
■ Digital tone generator with built-in support for DTMF
■ System controller for simplified, pop-free start-up and shutdown
■ Phase-locked loop with sample rate tracking supporting MCLK frequencies from 2 MHz to 54 MHz
■ Automatic tuning of on-chip reference oscillator for clock-free operation in low-power modes
■ 4-wire digital audio interface with support for I2S, four-channel I2S, TDM and other audio formats
■ 2-wire I2C compatible control interface with support for High Speed mode up to 3.4 MHz
■ 24-bit data at up to 96 kHz sample rate
■ A high efficiency two-level, true-ground charge pump for generating class-G headphone supplies
■ Voice mode filtering up to 32 kHz




Similar Part No. - DA7218

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7218 RENESAS-DA7218 Datasheet
4Mb / 154P
Ultra-Low Power Stereo Codec
Revision 3.7 Aug 9, 2024
logo
Dialog Semiconductor
DA7218-00U32 DIALOG-DA7218-00U32 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7218-00U32 RENESAS-DA7218-00U32 Datasheet
4Mb / 154P
Ultra-Low Power Stereo Codec
Revision 3.7 Aug 9, 2024
logo
Dialog Semiconductor
DA7218-00U36 DIALOG-DA7218-00U36 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
More results


Similar Description - DA7218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
Ultra-low power stereo codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
Ultra-low power stereo codec
DA7217 DIALOG-DA7217 Datasheet
2Mb / 171P
Ultra-Low Power Stereo Codec
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7217 RENESAS-DA7217 Datasheet
3Mb / 170P
Ultra-Low Power Stereo Codec
23-Feb-2022
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
Ultra-low power stereo codec
23-Dec-2021
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
Ultra-low power stereo codec
23-Dec-2021
DA7212 RENESAS-DA7212 Datasheet
1Mb / 136P
Ultra-Low Power Stereo Codec
05-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com