Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7218 Datasheet (PDF) - Renesas Technology Corp

DA7218 Datasheet PDF - Renesas Technology Corp
Part # DA7218
Download  DA7218 Download
File Size   4450.68 Kbytes
Page   154 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Power Stereo Codec

DA7218 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA7218 Datasheet PDF - Renesas Technology Corp

Part # DA7218
Download  DA7218 Click to download

File Size   4450.68 Kbytes
Page   154 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Power Stereo Codec

DA7218 Datasheet (HTML) - Renesas Technology Corp


DA7218 Product details

▪ High performance stereo DAC to headphone
playback path with 110 dB dynamic range
▪ 4 mW stereo playback power consumption
▪ DAC digital filters with audio and voice mode options,
five-band equalizer and five programmable biquad
stages
▪ Dedicated low-latency digital sideband filter with three
programmable biquad stages
▪ High performance microphone to ADC record path
with a 105 dB dynamic range
▪ 2.5 mW stereo record power consumption
▪ ADC digital filters with audio and voice mode options
▪ 500 μW always-on record mode with automatic level
detection
▪ Hybrid analog/digital automatic level control to
dynamically control the record level
▪ Shutdown mode offering current consumption during
standby of 2.5 μA
▪ Two low-noise microphone bias regulators with
programmable output voltage and ultra-low power mode
▪ Ability to differentiate between stereo and mono headsets
▪ Automatic detection of headset removal and
confirmation of headset insertion




Similar Part No. - DA7218

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7218 RENESAS-DA7218 Datasheet
2Mb / 198P
Ultra-Low Power Stereo Codec
24-Dec-2021
logo
Dialog Semiconductor
DA7218-00U32 DIALOG-DA7218-00U32 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7218-00U32 RENESAS-DA7218-00U32 Datasheet
2Mb / 198P
Ultra-Low Power Stereo Codec
24-Dec-2021
logo
Dialog Semiconductor
DA7218-00U36 DIALOG-DA7218-00U36 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
More results


Similar Description - DA7218

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
Ultra-low power stereo codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
Ultra-low power stereo codec
DA7217 DIALOG-DA7217 Datasheet
2Mb / 171P
Ultra-Low Power Stereo Codec
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7217 RENESAS-DA7217 Datasheet
3Mb / 170P
Ultra-Low Power Stereo Codec
23-Feb-2022
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
Ultra-low power stereo codec
23-Dec-2021
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
Ultra-low power stereo codec
23-Dec-2021
DA7212 RENESAS-DA7212 Datasheet
1Mb / 136P
Ultra-Low Power Stereo Codec
05-Jan-2022
DA7218 RENESAS-DA7218 Datasheet
2Mb / 198P
Ultra-Low Power Stereo Codec
24-Dec-2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com