Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7212 Datasheet (PDF) - Renesas Technology Corp

DA7212 Datasheet PDF - Renesas Technology Corp
Part # DA7212
Download  DA7212 Download
File Size   1588.75 Kbytes
Page   136 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Power Stereo Codec

DA7212 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA7212 Datasheet PDF - Renesas Technology Corp

Part # DA7212
Download  DA7212 Click to download

File Size   1588.75 Kbytes
Page   136 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low Power Stereo Codec

DA7212 Datasheet (HTML) - Renesas Technology Corp


DA7212 Product details

Key Features
■ 100 dB SNR stereo audio playback into 16 Ω
headphones
■ 3.1 mW power consumption for stereo DAC to
headphone playback
■ 1.2 W mono speaker driver
■ 650 μW mono voice record
■ Stereo digital microphone support
■ Supports up to four analogue microphones
■ Two low-noise microphone-bias outputs
■ Low-power PLL provides system clocking and
audio sample rate flexibility
■ Built-in 5-band equaliser, ALC and noise-gate
functions
■ Built-in beep generator
■ Integrated system controller to eliminate pops
and clicks
■ Minimised external component count
■ 34-ball WL-CSP (4.54 mm x 1.66 mm)
package
■ Staggered 0.5 mm pitch for easy PCB routing
allowing low cost manufacture




Similar Part No. - DA7212

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
Ultra-low power stereo codec
logo
Renesas Technology Corp
DA7212 RENESAS-DA7212 Datasheet
2Mb / 136P
Ultra-Low Power Stereo Codec
Revision 3.6 Nov 1, 2024
DA7212-01UM2 RENESAS-DA7212-01UM2 Datasheet
2Mb / 136P
Ultra-Low Power Stereo Codec
Revision 3.6 Nov 1, 2024
DA7212-01UM6 RENESAS-DA7212-01UM6 Datasheet
2Mb / 136P
Ultra-Low Power Stereo Codec
Revision 3.6 Nov 1, 2024
DA7212 RENESAS-DA7212_V01 Datasheet
2Mb / 136P
Ultra-Low Power Stereo Codec
Revision 3.6 Nov 1, 2024
More results


Similar Description - DA7212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
Ultra-low power stereo codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
Ultra-low power stereo codec
DA7217 DIALOG-DA7217 Datasheet
2Mb / 171P
Ultra-Low Power Stereo Codec
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7217 RENESAS-DA7217 Datasheet
3Mb / 170P
Ultra-Low Power Stereo Codec
23-Feb-2022
DA7210 RENESAS-DA7210 Datasheet
1Mb / 119P
Ultra-low power stereo codec
23-Dec-2021
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
Ultra-low power stereo codec
23-Dec-2021
DA7218 RENESAS-DA7218 Datasheet
2Mb / 198P
Ultra-Low Power Stereo Codec
24-Dec-2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com